Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6000035 Datasheet(PDF) 1 Page - OKW Enclosures Ltd

Part # M6000035
Description  INSTRUMET 19" CASES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCASE [OKW Enclosures Ltd]
Direct Link  https://www.metcase.com/
Logo METCASE - OKW Enclosures Ltd

M6000035 Datasheet(HTML) 1 Page - OKW Enclosures Ltd

  M6000035 Datasheet HTML 1Page - OKW Enclosures Ltd M6000035 Datasheet HTML 2Page - OKW Enclosures Ltd M6000035 Datasheet HTML 3Page - OKW Enclosures Ltd M6000035 Datasheet HTML 4Page - OKW Enclosures Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OKW Enclosures Ltd - METCASE - INSTRUMET 19" Cases
INSTRUMET 19" CASES
Home Page
E-Mail Us
Catalogue PDF
Get a Catalogue
Get a Drawing
Get a Price
Get a Quote
Customising
IP Ratings
Colour Chart
Ordering Info
01489 583858
01489 583836
FEATURES:
q
Modern aluminium 19" instrument cases
q
Light weight yet robust construction
q
Conforms to DIN 41494 & IEC 297-1
q
Designed to accept standard 3U x 19"
subracks, chassis and front panels
q
Attractive design with die-cast front and rear
bezels and fabricated case body
q
Two versions, in three sizes
q
Standard models with ABS side handles
q
Portable models with tilt/swivel aluminium
carry handle bar
q
Supplied fully assembled and ready to use
q
Internal subrack/chassis support rails
q
Removable rear panel included
q
Ventilation holes in base and rear panels
q
Three M4 earth studs provided inside
q
Moulded ABS non-slip tilt feet included
q
Anodised 10.5"/19" front panels available as
accessories
MATERIAL:
q
Aluminium
PROTECTION CLASS:
q
< IP 40 (Not rated)
STANDARD COLOUR:
q
Front bezel - window grey, RAL 7040
q
Case body - light grey, RAL 7035
(powder polyester paint)
SUPPLY:
1. Front/rear bezel (x2)
2. Top cover
3. Base panel
4. Rear panel
5. Chassis support
6. ABS Side handle
7. Aluminium carry handle
8. ABS tilt feet
9. M4 x 10 mm (x8)
M4 x 12 mm (x4)
10. M3 x 8 mm (x12)
ACCESSORIES:
q
10.5"/19" Front Panel
q
19" Subrack/ Front Panel Mounting Kit
APPLICATIONS:
q
19" subrack or chassis based electronics such
as test and measurement equipment, networking
and communications devices, industrial
computers, sound and studio
systems, laboratory instruments and
industrial control systems.
Printable Page
Modern 19" Instrument Cases
Subrack Mounting
Carry Handle Bar
ABS Tilt Feet
Accessory Front Panels
http://www.okw.co.uk/products/metcase/instrumet19.htm (1 of 3)06/03/2008 13:59:22


Similar Part No. - M6000035

ManufacturerPart #DatasheetDescription
logo
OKW Enclosures Ltd
M6000035 METCASE-M6000035 Datasheet
401Kb / 4P
INSTRUMET 19" CASES
06/03/2008 13:59:22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com