Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B21V1F Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B21V1F
Description  LED GaP/GaP Green Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B21V1F Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-B21V1F Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B21V1F Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B2
21
1V
V1
1F
F
Ver.2.0 Page: 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.2
2.6
V
Luminous Intensity
Iv
IF=20mA
-
35
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
568
-
nm
Dominant Wave Length
λ
d
IF=20mA
560
-
576
nm
Spectral Line Half-width
∆λ
IF=20mA
-
30
-
nm
Viewing Angle
1/2
IF=20mA
-
40
-
deg
● Typical electro-optical characteristics curves
Fig.3 Forward current
vs. Forward voltage
Forward current (mA)
Forward voltage (V)
Fig.5 Relative luminous intensity
vs. Forward current
Fig.1 Relative intensity vs. Wavelength
wavelength λ(nm)
Fig.4 Relative luminous intensity
vs. Ambient tenperatur
Ambient temperature Ta()
Fig.6 Radiation diagram
Ambient temperature ta()
Fig.2 Forward current derating curver
vs. Ambient temperature


Similar Part No. - BL-B21V1F

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B21V1 YSTONE-BL-B21V1 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B21V1 YSTONE-BL-B21V1 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B21V1 BRIGHT-BL-B21V1 Datasheet
145Kb / 2P
   LED GaP/GaP Low power consumption.
logo
Yellow Stone Corp
BL-B21V1G YSTONE-BL-B21V1G Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B21V1G YSTONE-BL-B21V1G Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B21V1F

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B21V1H-L BRIGHT-BL-B21V1H-L Datasheet
127Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B2130A BRIGHT-BL-B2130A Datasheet
113Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B24V1G BRIGHT-BL-B24V1G Datasheet
133Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B24V1J BRIGHT-BL-B24V1J Datasheet
140Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B24V1T BRIGHT-BL-B24V1T Datasheet
129Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1J BRIGHT-BL-B21V1J Datasheet
144Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B2133 BRIGHT-BL-B2133 Datasheet
131Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1G-L BRIGHT-BL-B21V1G-L Datasheet
149Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1T BRIGHT-BL-B21V1T Datasheet
136Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V5D BRIGHT-BL-B21V5D Datasheet
136Kb / 2P
   LED GaP/GaP Green Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com