Electronic Components Datasheet Search |
|
LTC1440IN8 Datasheet(PDF) 15 Page - Linear Technology |
|
|
LTC1440IN8 Datasheet(HTML) 15 Page - Linear Technology |
15 / 16 page 15 LTC1440/LTC1441/LTC1442 144012fc Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. PACKAGE DESCRIPTION N8 Package 8-Lead PDIP (Narrow 0.300) (LTC DWG # 05-08-1510) S8 Package 8-Lead Plastic Small Outline (Narrow 0.150) (LTC DWG # 05-08-1610) N8 1002 .065 (1.651) TYP .045 – .065 (1.143 – 1.651) .130 ± .005 (3.302 ± 0.127) .020 (0.508) MIN .018 ± .003 (0.457 ± 0.076) .120 (3.048) MIN 12 3 4 87 6 5 .255 ± .015* (6.477 ± 0.381) .400* (10.160) MAX .008 – .015 (0.203 – 0.381) .300 – .325 (7.620 – 8.255) .325 +.035 –.015 +0.889 –0.381 8.255 () NOTE: 1. DIMENSIONS ARE INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm) .100 (2.54) BSC .016 – .050 (0.406 – 1.270) .010 – .020 (0.254 – 0.508) × 45° 0 °– 8° TYP .008 – .010 (0.203 – 0.254) SO8 0303 .053 – .069 (1.346 – 1.752) .014 – .019 (0.355 – 0.483) TYP .004 – .010 (0.101 – 0.254) .050 (1.270) BSC 1 2 3 4 .150 – .157 (3.810 – 3.988) NOTE 3 8 7 6 5 .189 – .197 (4.801 – 5.004) NOTE 3 .228 – .244 (5.791 – 6.197) .245 MIN .160 ±.005 RECOMMENDED SOLDER PAD LAYOUT .045 ±.005 .050 BSC .030 ±.005 TYP INCHES (MILLIMETERS) NOTE: 1. DIMENSIONS IN 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm) |
Similar Part No. - LTC1440IN8 |
|
Similar Description - LTC1440IN8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |