Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1440IN8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1440IN8
Description  Ultralow Power Single/Dual Comparator with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440IN8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1440IN8 Datasheet HTML 8Page - Linear Technology LTC1440IN8 Datasheet HTML 9Page - Linear Technology LTC1440IN8 Datasheet HTML 10Page - Linear Technology LTC1440IN8 Datasheet HTML 11Page - Linear Technology LTC1440IN8 Datasheet HTML 12Page - Linear Technology LTC1440IN8 Datasheet HTML 13Page - Linear Technology LTC1440IN8 Datasheet HTML 14Page - Linear Technology LTC1440IN8 Datasheet HTML 15Page - Linear Technology LTC1440IN8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1440/LTC1441/LTC1442
144012fc
APPLICATIONS INFORMATION
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.182V/4.65V = 0.254
3. Choose the required hysteresis voltage band at the
input VHBIN, in this example 60mV. Calculate the hyster-
esis voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.254)
VHB = 15.24mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R
V
I
V
A
M
RR
V
V
V
REF
BIAS
IN
REF
HB
1
1 182
1
118
21
2
1
==
=
=
+
.
.
µ
RM
V
V
mV
RM
21 18
465
1 182
15
2
1
23 40
=
+
=
.
.
.
.
Low Voltage Operation
The guaranteed minimum operating voltage is 2V or
(
±1V). As the total supply voltage is reduced below 2V, the
performance degrades and the supply current falls. Both
the reference and the comparator are still functioning with
supply voltage down to 1.5V. The reference will have
slightly worse temperature coefficient. While the com-
parator would have less output drive and the propagation
delay increases. The useful input voltage range extends
from the negative supply to a little under 1V below the
positive supply, which is slightly closer to the positive rail
than the device operating from higher supply voltages.


Similar Part No. - LTC1440IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440IN8 LINER-LTC1440IN8 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results

Similar Description - LTC1440IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
   Ultralow Power Voltage Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1842 LINER-LTC1842_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com