Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9520 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU9520
Description  USB Smart Card Reader Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU9520 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU9520_05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Page 9 of 17
AU9520 USB Smart Card Reader Controller V1.18
Official Release-Public
Table 3.1 Pin Descriptions
Pin Pin Name I/O
Description
1
VCCA
PWR Analog 3.3V power supply
2
GNDA
PWR Analog ground.
3
XTAL1
I
Crystal Oscillator Input (12MHz).
4
XTAL2
O
Crystal Oscillator Output (12MHz).
5
PSWOUTB
O
Connect to Slot1 Power.
6
PSWOUTA
O
Connect to Slot0 Power.
7
VCC5V
PWR 5V power supply Input
8
VCC3V
PWR 3.3V power supply output
9
USB_DP
I/O
USB D+
10
USB_DM
I/O
USB D-
11
GNDIO
PWR Chip I/O Ground.
12
GPI_0
I
Reserved (need pull Low)
13
GPI_1
I
Reserved (need pull Low)
14
SCL
I/O
EEPROM Clock (need pull High)
15
SDA
I/O
EEPROM Data (need pull High)
16
PORT1_0
I
Reserved (need pull Low)
17
PORT1_1
I/O
General IO 1
18
PORT1_2
O
Slot1 LED
19
PORT1_3
O
Slot2 LED
20
PORT1_4
O
Device LED
21
PORT1_5
I
PID/VID ("1": 9520 one slot mode, "0": 9522 two slot mode,
default: "1")
22
PORT1_6
I
Reserved (need pull Low)
23
PORT1_7
I
Reserved (need pull low)
24
PROM_DATA0
I/O
Rom data 0
25
PROM_DATA1
I/O
Rom data 1
26
VCCK
PWR Core power supply 3.3V
27
GNDK
PWR Core ground
28
PROM_DATA2
I/O
Rom data 2
29
PROM_DATA3
I/O
Rom data 3
30
PROM_DATA4
I/O
Rom data 4
31
PROM_DATA5
I/O
Rom data 5
32
PROM_DATA6
I/O
Rom data 6
33
PROM_DATA7
I/O
Rom data 7
34
NC
35
ICC1DETN
I
Smart card 1 inserted (Low true) (pull high)
36
SC1DATA
I/O
Smart card 1 serial data
37
SC1CLK
I/O
Smart card 1 clock
38
SC1RST
I/O
Smart card 1 reset
39
SC1FCB
I/O
Smart card 1 GPIO_0
40
SC1C6
I/O
Smart card 1 GPIO_1
41
SC1C8
I/O
Smart card 1 GPIO_2
42
ICC0DETN
I
Smart card 0 inserted (Low true)(pull high)
43
SC0DATA
I/O
Smart card 0 serial data
44
SC0CLK
I/O
Smart card 0 clock
45
SC0RST
I/O
Smart card 0 reset
46
SC0FCB
I/O
Smart card 0 GPIO_0
47
SC0C6
I/O
Smart card 0 GPIO_1
48
SC0C8
I/O
Smart card 0 GPIO_2


Similar Part No. - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
More results

Similar Description - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
   USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com