Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9520 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AU9520
Description  USB Smart Card Reader Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU9520 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AU9520_05 Datasheet HTML 2Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 3Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 4Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Page 6 of 17
AU9520 USB Smart Card Reader Controller V1.18
Official Release-Public
1
1..0
0.. IIn
nttrro
od
du
uc
cttiio
on
n
1
1..1
1.. D
De
es
sc
crriip
pttiio
on
n
AU9520 is a highly integrated single chip, USB Smart Card reader controller. Highly integration
enables the lowest BOM cost of USB Smart Card reader. The AU9520 supports multiple
international standards including ISO7816 for IC card standard, PC/SC 1.0 for windows
smart card standard, Microsoft WHQL, EMV for Europay MasterCard Visa standard
and USB-IF CCID standard. Manufacturers can easily create a high-security Smart Card
reader by deploying Au9520. The application of AU9520 can be generally applied to Smart Card
read/write terminal device, such as ATM, POS terminal, Public telephone, E-Commerce,
personal consumption on Internet, personal certification, prepay system, loyalty system…etc.
1
1..2
2.. F
Fe
ea
attu
urre
e
• Support EMV specification.
• Support the Universal Serial Bus Specification, version 1.1.
• Based on ISO7816 implementation
• Support PC Smart Card industry standard – PC/SC 1.0
• Support Microsoft Smart Card for Windows
• Meet Microsoft WHQL USB Smart Card Reader requirements
• Include WDM driver to work on Windows 98 and Windows 2000
• Support dual slots for higher security application
• Support T0, T1 protocol, I2C memory card, SLE4418, SLE4428, SLE4432, SLE4442,
AT88SC1608 and AT45D041 card.
• Dedicated hardware block implementation for IC and memory card protocols for highest
performance
• Implemented as an USB full speed device with bulk transfer endpoint
• Built-in 3.3V regulator for single 5V operation
• Built-in PLL for USB and Smart Card clocks requirement
• Support EEPROM for USB descriptors customization, including VID/PID
• Available in 48-LQFP Package
• Based on USB-CCID class, short APDU level
• Compatible with Microsoft USB-CCID driver
• Support 3V/5V card


Similar Part No. - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
More results

Similar Description - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
   USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com