Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9520 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AU9520
Description  USB Smart Card Reader Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU9520 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AU9520_05 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 13Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 14Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 15Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 16Page - List of Unclassifed Manufacturers AU9520_05 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Page 13 of 17
AU9520 USB Smart Card Reader Controller V1.17
Official Release-Public
5.6 Latch-Up Test Results
Test Description: Latch-Up testing was performed at room ambient using an
IMCS-4600 system which applies a stepped voltage to one pin per device with all
other pins open except Vdd and Vss which were biased to 5Volts and ground
respectively.
Testing was started at 5.0V (Positive) or 0V (Negative), and the DUT was biased for
0.5 seconds.
If neither the PUT current supply nor the device current supply reached the
predefined limit (DUT=00mA, Icc=100mA), then the voltage was increased by
0.1Volts and the pin was tested again.
This procedure was recommended by the JEDEC JC-40.2 CMOS Logic
standardization committee.
Notes:
1. DUT: The device under test.
2. PUT: The pin under test.
Figure 5.2 Latch-Up Test Results Diagram
Test Circuit: Positive Input/Output Overvoltage/Overcurrent
Test Circuit: Negative Input/Output Overvoltage/Overcurrent


Similar Part No. - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
More results

Similar Description - AU9520_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
logo
List of Unclassifed Man...
GL813 ETC-GL813 Datasheet
132Kb / 24P
   USB 2.0 CompactFlash Card Reader Controller
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com