Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6368 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AU6368
Description  USB2.0 Multiple Slots Flash Memory Card Reader
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6368 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AU6368 Datasheet HTML 2Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 3Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 4Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 9Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Page 6 of 20
AU6368 USB 2.0 Multiple Slots Flash Memory Card Reader V1.13W
Official Release_ Public
1.0 Introduction
1.1 Description
The AU6368 is an integrated single chip memory card reader controller specially
designed for notebook, hand-held and other PC peripheral devices, which require
fewer components for small PCB area. It supports a widely used flash memory card
such as CF, MD, SMC, xD Picture Card, MS, MS Pro, MS Duo, SD and MMC. It can be
used as removable storage disks in enormous data exchange applications between
PC and PC or PC and various consumer electronic appliances.
The AU6368 reads digital content saved on memory card that user captured with the
portable device such as notebook, digital camera, MP3 player, PDA and mobile
phone… etc. In addition, AU6368 allows user to transfer information such as data,
graphics, texts or digital images from one electronic device to another quickly and
easily. Furthermore, AU6368 integrates power switch function; manufacturers can
use fewer components in their product design.
With AU6368, user’s experience will be also further enhanced by the Plug-and-Play
nature built into latest operation systems such as Windows 2000/XP and Mac OS X.
1.2 Features
Support USB v2.0 specification and USB Device Class Definition for Mass
Storage, Bulk-Transport v1.0
Support CF/MD, SD/MMC, MS/MS PRO/MS ROM/MS Duo AND xD/SMC
specification
Work with default driver from Windows ME, Windows XP, and Mac OS X.
Windows 98, Windows 2000 are supported by vendor AP (The AP included
both win98 and 2000 driver) from Alcor.
Ping-pong FIFO implementation for concurrent bus operation
Support multiple sectors transfer optimize performance
Support slot-to-slot read/write operation.
Support auto-detecting slot with card inserted on Win 2000 without driver.
Capable of handing 4 sets of built-in PID, VID and strings to minimize
inventory control and improve lead production lead-time.
Support LED for bus activity indication.
Each slot can be enables/disabled by 5 independent pins to fit all the
different card readers’ combination requirement.
Runs at 30MHz, built-in 480 MHz PLL
Built-in 3.3V to 2.5V regulator


Similar Part No. - AU6368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
USB2.0 SD/MMC Flash Card Reader with UFD Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
USB 2.0 Single-Slot Flash Memory Card Reader
More results

Similar Description - AU6368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9362 ETC-AU9362 Datasheet
522Kb / 26P
USB Multiple Slots Flash Memory Card Reader Technical Reference Manual
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com