Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6368 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AU6368
Description  USB2.0 Multiple Slots Flash Memory Card Reader
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AU6368 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AU6368 Datasheet HTML 1Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 2Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 3Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 4Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 5Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 6Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 7Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 8Page - List of Unclassifed Manufacturers AU6368 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Page 5 of 20
AU6368 USB 2.0 Multiple Slots Flash Memory Card Reader V1.13W
Official Release_ Public
List of Figures
2.1 Block Diagram…………………………………………………………………………………..
7
3.1 Pin Assignment Diagram………………………………………………………………….. 8
4.1 AU6368 Block diagram……………………………………………………………………… 11
5.1 Card Detect Power-on Timing…………………………………………………………... 17
6.1 Mechanical Information Diagram…………………………………………………….. 18
List of Tables
3.1
Pin Descriptions…………………………………………………………………………….
9
5.1
Absolute Maximum Ratings…………………………………………………………. 12
5.2
Recommended Operating Conditions………………………………………….. 12
5.3
General DC Characteristics………………………………………………………….. 12
5.4
DC Electrical Characteristics of 3.3V I/O Cells………………………
13
5.5
Recommended Operation Conditions………………………………………….. 14
5.6
Static characteristic:Digital in ………………………………………………….. 14
5.7
Static characteristic:Analog I/O pins(DP/DM)………………………… 15
5.8
Dynamic characteristic:Analog I/O pins(DP/DM)…………………… 16


Similar Part No. - AU6368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
USB2.0 SD/MMC Flash Card Reader with UFD Controller
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
USB 2.0 Single-Slot Flash Memory Card Reader
More results

Similar Description - AU6368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9362 ETC-AU9362 Datasheet
522Kb / 26P
USB Multiple Slots Flash Memory Card Reader Technical Reference Manual
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com