Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9101
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9101_1 Datasheet HTML 14Page - Torex Semiconductor XC9101_1 Datasheet HTML 15Page - Torex Semiconductor XC9101_1 Datasheet HTML 16Page - Torex Semiconductor XC9101_1 Datasheet HTML 17Page - Torex Semiconductor XC9101_1 Datasheet HTML 18Page - Torex Semiconductor XC9101_1 Datasheet HTML 19Page - Torex Semiconductor XC9101_1 Datasheet HTML 20Page - Torex Semiconductor XC9101_1 Datasheet HTML 21Page - Torex Semiconductor XC9101_1 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XC9101
Series
MARK
PRODUCT SERIES
0
1
XC9101xxxASx
MARK
TYPE
PRODUCT SERIES
C
VOUT, CE pin
XC9101CxxAKx
D
FB, CE pin
XC9101D09AKx
MARK
VOLTAGE
(V)
PRODUCT
SERIES
MARK
VOLTAGE
(V)
PRODUCT
SERIES
2
2.x
XC9101C2xAKx
A
10.x
XC9101CAxAKx
3
3.x
XC9101C3xAKx
B
11.x
XC9101CBxAKx
4
4.x
XC9101C4xAKx
C
12.x
XC9101CCxAKx
5
5.x
XC9101C5xAKx
D
13.x
XC9101CDxAKx
6
6.x
XC9101C6xAKx
E
14.x
XC9101CExAKx
7
7.x
XC9101C7xAKx
F
15.x
XC9101CFxAKx
8
8.x
XC9101C8xAKx
H
16.x
XC9101CHxAKx
9
9.x
XC9101C9xAKx
0
FB products
XC9101C09AKx
MARK
VOLTAGE (V)
PRODUCT SERIES
0
x.0
XC9101Cx0AKx
3
x.3
XC9101C3xAKx
9
FB products
XC9101D09AKx
MARK
TYPE
PRODUCT SERIES
A
Variable by external C and R
XC9101xxxAKx
MARK
YEAR
0
2000
6
2006
MARK
PRODUCTION LOT NUMBER
0
3
03
0
A
1A
MARKING RULE (Continued)
SOP-8
①②
Represents product series
Represents type of DC/DC controller
Represents integral number of output voltage, or FB type
Represents decimal number of output voltage, FB type (ex.)
Represents control type of oscillation frequency
Represents the last digit of production year
⑧⑨
Represents production lot number (ex.)
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
Note: No character inversion used.
SOP-8
(TOP VIEW)


Similar Part No. - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C09AKL TOREX-XC9101C09AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com