Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9101
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9101_1 Datasheet HTML 10Page - Torex Semiconductor XC9101_1 Datasheet HTML 11Page - Torex Semiconductor XC9101_1 Datasheet HTML 12Page - Torex Semiconductor XC9101_1 Datasheet HTML 13Page - Torex Semiconductor XC9101_1 Datasheet HTML 14Page - Torex Semiconductor XC9101_1 Datasheet HTML 15Page - Torex Semiconductor XC9101_1 Datasheet HTML 16Page - Torex Semiconductor XC9101_1 Datasheet HTML 17Page - Torex Semiconductor XC9101_1 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14/22
XC9101 Series
1 Layer Evaluation Board
Notes
1. Ensure that the absolute maximum ratings of the external components and the XC9101 DC/DC IC itself are not exceeded.
2. We recommend that sufficient counter measures are put in place to eliminate the heat that may be generated by the external
N-ch MOSFET as a result of switching losses.
3. Try to use a N-ch MOSFET with as small a gate capacitance as possible in order to avoid overly large output spike voltages
that may occur (such spikes occur in proportion to gate capacitance).
4. The performance of the XC9101 DC/DC converter is greatly influenced by not only its own characteristics, but also by those of
the external components it is used with. We recommend that you refer to the specifications of each component to be used and
take sufficient care when selecting components.
5. Wire external components as close to the IC as possible and use thick, short connecting wires to reduce wiring impedance.
In particular, minimize the distance between the by-pass capacitor and the IC.
6. Make sure that the GND wiring is as strong as possible as variations in ground potential caused by ground current at the time
of switching may result in unstable operation of the IC. Specifically, strengthen the ground wiring in the proximity of the VSS
pin.
NOTES ON USE (Continued)
Instruction on Pattern Layout (Continued)
Power GND
IC GND
VDD Line
RFB1
CL
RFB2
CFB
CDD
L
N-MOS
1
2
3
4
5
6
7
8
SD
VIN
CIN
C_SS
R_SS
RSEN
C_GAIN
C_CLK
R_CLK
5
6
7
8


Similar Part No. - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C09AKL TOREX-XC9101C09AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com