Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC9101
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC9101_1 Datasheet HTML 8Page - Torex Semiconductor XC9101_1 Datasheet HTML 9Page - Torex Semiconductor XC9101_1 Datasheet HTML 10Page - Torex Semiconductor XC9101_1 Datasheet HTML 11Page - Torex Semiconductor XC9101_1 Datasheet HTML 12Page - Torex Semiconductor XC9101_1 Datasheet HTML 13Page - Torex Semiconductor XC9101_1 Datasheet HTML 14Page - Torex Semiconductor XC9101_1 Datasheet HTML 15Page - Torex Semiconductor XC9101_1 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12/22
XC9101 Series
5. FB Voltage and CFB
With regard to the XC9101D series, the output voltage is set by attaching externally divided resistors. The output voltage
is determined by the equation shown below according to the values of RFB1 and RFB2. In general, the sum of RFB1 and
RFB2 should be 1 MΩ or less.
VOUT = 0.9 × (RFB1 + RFB2)/ RFB2
The value of CFB (phase compensation capacitor) is approximated by the following equation according to the values of
RFB1 and fzfb. The value of fzfb should be 10 kHz, as a general rule.
CFB = 1/(2 × π × RFB1 × fzfb)
Example: When RFB1 = 455 kΩ and RFB2 = 100 kΩ : VOUT = 0.9 × (455 k 100 k)/100 k = 4.995 V
: CFB = 1/(2 × π × 455 k × 10 k) = 34.98 pF
NOTES ON USE
Application Notes
1. The XC9101 series are designed for use with an output ceramic capacitor. If, however, the potential difference
between input and output is too large, a ceramic capacitor may fail to absorb the resulting high switching energy and
oscillation could occur on the output side. If the input-output potential difference is large, connect an electrolytic
capacitor in parallel to compensate for insufficient capacitance.
2. The EXT pin of the XC9101 series is designed to minimize the through current that occurs in the internal circuitry.
However, the gate drive of external PMOS has a low impedance for the sake of speed. Therefore, if the input voltage is
high and the bypass capacitor is attached away from the IC, the charge/discharge current to the external PMOS may
lead to unstable operations due to switching operation of the EXT pin.
As a solution to this problem, place the bypass capacitor as close to the IC as possible, so that voltage variations at the
VIN and VSS pins caused by switching are minimized. If this is not effective, insert a resistor of several to several tens
of ohms between the EXT pin and PMOS gate. Remember that the insertion of a resistor slows down the switching
speed and may result in reduced efficiency.
3. A NPN transistor can be used in place of PMOS. If using a PNP transistor, insert a resistor (RB) and capacitor (CB)
between the EXT pin and the base of the NPN transistor in order to limit the base current without slowing the switching
speed. Adjust RB in a range of 500Ω to 1 kΩ according to the load and hFE of the transistor. Use a ceramic
capacitor for CB, complying with CB < 1/(2×π× RB ×FOSC× 0.7), as a rule.
4. Although the C_CLK connection capacitance range is from 150 ~ 220pF, the most suitable value for maximum stability is
around 180pF.
OPERATIONAL EXPLANATION (Continued)
Functional Settings (Continued)
FB pin
Rfb1
Rfb2
Verr amplifier
0.9V
Cfb
Output voltage
Verr
VIN
EXT pin
Rb
Cb


Similar Part No. - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C09AKL TOREX-XC9101C09AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com