Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9101
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9101_1 Datasheet HTML 7Page - Torex Semiconductor XC9101_1 Datasheet HTML 8Page - Torex Semiconductor XC9101_1 Datasheet HTML 9Page - Torex Semiconductor XC9101_1 Datasheet HTML 10Page - Torex Semiconductor XC9101_1 Datasheet HTML 11Page - Torex Semiconductor XC9101_1 Datasheet HTML 12Page - Torex Semiconductor XC9101_1 Datasheet HTML 13Page - Torex Semiconductor XC9101_1 Datasheet HTML 14Page - Torex Semiconductor XC9101_1 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
XC9101
Series
2. Oscillation Frequency
The oscillation frequency of the internal clock generator is approximated by the following equation according to the values
of the capacitor and resistor attached to the CLK pin. To stabilize the IC's operation, set the oscillation frequency within a
range of 100kHz to 600kHz. Select a value for Cclk within a range of 150pF to 220pF and fix the frequency based on the
value for Rclk.
f = 1/(-Cclk × Rclk × ln0.26)
Example: When Cclk = 220 pF and Rclk = 10 kΩ, f = 1 / (-220 x 10
-12×10 x 103×ln(0.26)) = 337.43 kHz.
3. Gain and Frequency Characteristics of the Verr Amplifier
The gain at output and frequency characteristics of the Verr amplifier are adjusted by the values of the capacitor and
resistor attached to the CC/GAIN pin. It is generally recommended to attach a CC of 220 to 1,000pF without RGAIN. The
greater the CC value, the more stable the phase and the slower the transient response. When using the IC with RGAIN
connected, it should be noted that if the RGAIN resistance value is too high, abnormal oscillation may occur during transient
response time. The size of RGAIN should be carefully evaluated before connection.
4. Current Limit
The current limit value is approximated by the following equation according to resistor RSEN inserted between the VIN and
ISEN pins. Double function, current FB input and current limiting, is assigned to the ISEN pin. The current limiting value is
approximated by the following equation according to the value for RSEN.
ILpeak_limit = 0.15/RSEN
Example: When RSEN = 100 mΩ, ILpeak_limit = 0.15/0.1 = 1.5 A
The inside error amplifier sends feedback signal when the voltage occurs at RSEN resisitors because of the flow of coil
current in order to phase compensate. The more the RSEN value becomes larger, the more the error signal becomes
bigger, and it could lead to an intermittent oscillation. Please be careful if there is a problem with the application. When
the regular operation, the voltage which occurs between RSEN resistors because of coil peak should be set lower than the
current limit voltage of 90mV (MIN.). For more details, please refer the notes on the external components.
OPERATIONAL EXPLANATION (Continued)
Functional Settings (Continued)
CLK pin
Rclk
CLK Generator
Cclk
Verr
CC/GAIN pin
RGAIN
CC
VOUT/FB
Vref
RVerr
Rsen
VIN pin
Isen pin
Limiter signal
Comparator with
150mV offset


Similar Part No. - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C09AKL TOREX-XC9101C09AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com