Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9101
Description  PWM Controlled Step-Up DC/DC Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9101_1 Datasheet HTML 5Page - Torex Semiconductor XC9101_1 Datasheet HTML 6Page - Torex Semiconductor XC9101_1 Datasheet HTML 7Page - Torex Semiconductor XC9101_1 Datasheet HTML 8Page - Torex Semiconductor XC9101_1 Datasheet HTML 9Page - Torex Semiconductor XC9101_1 Datasheet HTML 10Page - Torex Semiconductor XC9101_1 Datasheet HTML 11Page - Torex Semiconductor XC9101_1 Datasheet HTML 12Page - Torex Semiconductor XC9101_1 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
XC9101
Series
<Soft Start>
The soft start function is made available by attaching a capacitor and resistor to the CE/SS pin. The Vref voltage applied to
the Verr amplifier is restricted by the start-up voltage of the CE/SS pin. This ensures that the Verr amplifier operates with its
two inputs in balance, thereby preventing the ON-TIME signal from becoming stronger than necessary. Consequently, soft
start time needs to be set sufficiently longer than the time set to CLK. The start-up time of the CE/SS pin equals the time set
for soft start (refer to the "Functional Settings" section for further information). The soft start function operates when the
voltage at the CE/SS pin is between 0V to 1.55V. If the voltage at the CE/SS pin doesn't start from 0V but from a mid level
voltage when the power is switched on, the soft start function will become ineffective and the possibilities of large rush
currents and ripple voltages occuring will be increased.
OPERATIONAL EXPLANATION
Step-up DC/DC converter controllers of the XC9101 series carry out pulse width modulation (PWM) according to the
multiple feedback signals of the output voltage and coil current. The internal circuits consist of different blocks that
operate at VIN or the stabilized power (2.0 V) of the internal regulator. The fixed output voltage of the C type and the FB
pin voltage (Vref = 0.9 V) of type D controller have been adjusted and set by laser-trimming.
<Clock>
With regard to clock pulses, a capacitor and resistor connected to the CLK pin generate ramp waveforms whose top and
bottom are 0.7V and 0.15V, respectively. The frequency can be set within a range of 100kHz to 600kHz externally (refer to
the "Functional Settings" section for further information). The clock pulses are processed to generate a signal used for
synchronizing internal sequence circuits.
<Verr amplifier>
The Verr amplifier is designed to monitor the output voltage. A fraction of the voltage applied to internal resistors R1, R2 in
the case of a type C controller, and the voltage at the FB pin in the case of a type D controller, are fed back and compared
with the reference voltage. In response to feedback of a voltage lower than the reference voltage, the output voltage of
the Verr amplifier increases. The output of the Verr amplifier enters the mixer via resistor (RVerr). This signal works as a
pulse width control signal during PWM operations. By connecting an external capacitor and resistor through the CE/GAIN
pin, it is possible to set the gain and frequency characteristics of Verr amplifier signals (refer to the "Functional Settings"
section for further information).
<Ierr amplifier>
The Ierr amplifier monitors the coil current. The potential difference between the VIN and Isen pins is sampled at each
switching operation. Then the potential difference is amplified or held, as necessary, and input to the mixer. The Ierr
amplifier outputs a signal ensuring that the greater the potential difference between the VIN and ISEN pins, the smaller the
switching current. The gain and frequency characteristics of this amplifier are fixed internally.
<Mixer and PWM>
The mixer modulates the signal sent from Verr by the signal from Ierr. The modulated signal enters the PWM comparator
for comparison with the sawtooth pulses generated at the CLK pin. If the signal is greater than the sawtooth waveforms, a
signal is sent to the output circuit to turn on the external switch.
<Current Limiter>
The current flowing through the coil is monitored by the limiter comparator via the VIN and ISEN pins. The limiter
comparator outputs a signal when the potential difference between the VIN and ISEN pins reaches about 150 mV or more.
This signal is converted to a logic signal and handled as a DFF reset signal for the internal limiter circuit. When a reset
signal is input, a signal is output immediately at the EXT pin to turn off the MOS switch. When the limiter comparator
sends a signal to enable data acceptance, a signal to turn on the MOS switch is output at the next clock pulse. If at this
time the potential difference between the VIN and ISEN pins is large, operation is repeated to turn off the MOS switch again.
DFF operates in synchronization with the clock signal of the CLK pin.
Output signal to EXT pin
PWM/PFM switching signal
D
CLK
Q
PWM/PFM switching signal
CLK synchronous signal
Limiter signal
/RESET


Similar Part No. - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101C00AKL TOREX-XC9101C00AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C00AKR TOREX-XC9101C00AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKL TOREX-XC9101C03AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C03AKR TOREX-XC9101C03AKR Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC9101C09AKL TOREX-XC9101C09AKL Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com