Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLBS81-6 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLBS81-6
Description  Unmounted Laser Bars, 82.5% Filling Factor, 808 nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLBS81-6 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLBS81-6 Datasheet HTML 1Page - OSRAM GmbH SPLBS81-6 Datasheet HTML 2Page - OSRAM GmbH SPLBS81-6 Datasheet HTML 3Page - OSRAM GmbH SPLBS81-6 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2007-04-20
4
SPL BS81-6
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered
.


Similar Part No. - SPLBS81-6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
More results

Similar Description - SPLBS81-6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBS94-2S OSRAM-SPLBS94-2S Datasheet
111Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 940 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
Un-mounted Laser Bars, 50 Fill-factor, 808 nm
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG81-9S OSRAM-SPLBG81-9S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 915 nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com