Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWP473 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LWP473
Description  Lead (Pb) Free Product RoHS Compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWP473 Datasheet(HTML) 5 Page - OSRAM GmbH

  LWP473 Datasheet HTML 1Page - OSRAM GmbH LWP473 Datasheet HTML 2Page - OSRAM GmbH LWP473 Datasheet HTML 3Page - OSRAM GmbH LWP473 Datasheet HTML 4Page - OSRAM GmbH LWP473 Datasheet HTML 5Page - OSRAM GmbH LWP473 Datasheet HTML 6Page - OSRAM GmbH LWP473 Datasheet HTML 7Page - OSRAM GmbH LWP473 Datasheet HTML 8Page - OSRAM GmbH LWP473 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LW P473
2006-05-03
5
Farbortgruppen
5) Seite 17
Chromaticity Coordinate Groups
5)
page 17
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
3K
0.273
0.227
5K
0.296
0.259
7K
0.330
0.310
0.266
0.232
0.291
0.268
0.330
0.330
0.280
0.252
0.310
0.297
0.338
0.342
0.286
0.244
0.313
0.284
0.352
0.344
3L
0.266
0.232
5L
0.291
0.268
7L
0.330
0.330
0.258
0.239
0.285
0.279
0.330
0.347
0.273
0.261
0.307
0.312
0.347
0.371
0.280
0.252
0.310
0.297
0.345
0.352
4K
0.286
0.244
6K
0.313
0.284
8K
0.352
0.344
0.280
0.252
0.310
0.297
0.338
0.342
0.291
0.268
0.330
0.330
0.364
0.380
0.296
0.259
0.330
0.310
0.360
0.357
4L
0.280
0.252
6L
0.310
0.297
8L
0.345
0.352
0.273
0.261
0.307
0.312
0.347
0.371
0.285
0.279
0.330
0.347
0.367
0.401
0.291
0.268
0.330
0.330
0.364
0.380
OHA08327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
7K
8K
3L
4L
5L
6L
7L
8L
+


Similar Part No. - LWP473

ManufacturerPart #DatasheetDescription
logo
ams AG
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
LWP473-Q2S1-FKPL-1 AMSCO-LWP473-Q2S1-FKPL-1 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results

Similar Description - LWP473

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com