Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWP473 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LWP473
Description  Lead (Pb) Free Product RoHS Compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWP473 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LWP473 Datasheet HTML 9Page - OSRAM GmbH LWP473 Datasheet HTML 10Page - OSRAM GmbH LWP473 Datasheet HTML 11Page - OSRAM GmbH LWP473 Datasheet HTML 12Page - OSRAM GmbH LWP473 Datasheet HTML 13Page - OSRAM GmbH LWP473 Datasheet HTML 14Page - OSRAM GmbH LWP473 Datasheet HTML 15Page - OSRAM GmbH LWP473 Datasheet HTML 16Page - OSRAM GmbH LWP473 Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
2006-05-03
16
LW P473
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
9) page 17 may only be used in life-support devices or systems10) page 17 with the express written approval of
OSRAM OS.
Revision History: 2006-05-03
Previous Version:
2005-11-15
Page
Subjects (major changes since last revision)
Date of change
1
RoHS compliant
2004-01-29
2, 5
Ordering code
2004-02-04
6
Forward voltage groups
2004-03-09
2
Ordering code
2004-06-28
10
new diagram „method of taping“
2004-08-16
all
top mount and reverse mount
2004-09-02
9
exemplary median lifetime
2004-09-06
1, 4
due to simplification: changed values for Cx, Cy, color temperature
2004-11-18
11
recommended solder pad (top mount)
2005-06-22
12
updated taping drawing
2005-08-02
10
acc. to OS-IN-2005-025
2005-11-15
Patent List
Patent No.
US 6 066 861
US 6 277 301
US 6 245 259
US 6 576 930


Similar Part No. - LWP473

ManufacturerPart #DatasheetDescription
logo
ams AG
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
LWP473-Q2S1-FKPL-1 AMSCO-LWP473-Q2S1-FKPL-1 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results

Similar Description - LWP473

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com