Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWP473 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWP473
Description  Lead (Pb) Free Product RoHS Compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWP473 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWP473 Datasheet HTML 6Page - OSRAM GmbH LWP473 Datasheet HTML 7Page - OSRAM GmbH LWP473 Datasheet HTML 8Page - OSRAM GmbH LWP473 Datasheet HTML 9Page - OSRAM GmbH LWP473 Datasheet HTML 10Page - OSRAM GmbH LWP473 Datasheet HTML 11Page - OSRAM GmbH LWP473 Datasheet HTML 12Page - OSRAM GmbH LWP473 Datasheet HTML 13Page - OSRAM GmbH LWP473 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2006-05-03
10
LW P473
Maßzeichnung
8) Seite 17
Package Outlines
8)
page 17
Gewicht / Approx. weight:
6 mg
GPLY6097
0.6 (0.024)
1.15 (0.045)
(ø2.1 (0.083))
(ø2.5 (0.098))
(0.125 (0.005))
0.65 (0.026)
0.875 (0.034)
Cathode
marking
0.4 (0.016)
1.35 (0.053)
0.55 (0.021)
0.775 (0.030)
0.3 (0.012) max.
(1.9 (0.074))
C
A


Similar Part No. - LWP473

ManufacturerPart #DatasheetDescription
logo
ams AG
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
LWP473-Q2S1-FKPL-1 AMSCO-LWP473-Q2S1-FKPL-1 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results

Similar Description - LWP473

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com