Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100 Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL78100
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL78100 Datasheet HTML 11Page - Intersil Corporation ISL78100 Datasheet HTML 12Page - Intersil Corporation ISL78100 Datasheet HTML 13Page - Intersil Corporation ISL78100 Datasheet HTML 14Page - Intersil Corporation ISL78100 Datasheet HTML 15Page - Intersil Corporation ISL78100 Datasheet HTML 16Page - Intersil Corporation ISL78100 Datasheet HTML 17Page - Intersil Corporation ISL78100 Datasheet HTML 18Page - Intersil Corporation ISL78100 Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
FN6626.0
December 17, 2007
CERAMIC CAPACITORS
Many ceramic capacitors have strong voltage and
temperature coefficients, which reduces effective
capacitance as the applied voltage or operating temperature
is increased. Pay careful attention when selecting ceramic
capacitor type. X5R and X7R families provide much better
stability than Y5V, which should generally be avoided unless
additional capacitance is added to compensate for the
significant changes in value, which occurs overvoltage and
temperature.
Layout Considerations
PCB layout is very important for the converter to function
properly. The following general guidelines should be
followed:
• Separate the Power Ground and Signal Ground; connect
them only at one point close to the GND pin.
• Maximize the Power Ground area as much as possible. It
is essential to ensure the Power Ground return between
CIN, COUT, and SWS1,2 as least obstructive as possible.
• Place the input capacitor close to VIN and SWS1, SWS2
pins in boost mode.
• Make the following PC traces as short as possible:
- from SWD1, SWD2 to the inductor in boost mode
- from SWS1,SWS2 to the inductor in buck mode
- from COUT to PGND
• Feedback signals levels are small to improve efficiency.
Ensure the reference connection (GND or VIN) between
the sense resistor and IC pin doesn't carry switching
current.
• Place several via holes (thermal vias) under the chip to a
backside ground plane to improve heat dissipation
• Maximize the copper area around the thermal vias to
spread heat away from the chip.
Cost-Sensitive Applications
For cost-sensitive applications, the BOM can be reduced
considerably by:
1. Removing temperature compensation
2. Removing the fault-protection switch
3. Removing the load isolation switch
4. Switching the FB into internal fixed bias mode (400mV
across VFB)
In this configuration, light level may be controlled using the
EN/PWM input to modulate the output current.
In the absence of the load isolation switch, LED bias current
will vary with PWM duty cycle, due to the discharge of the
output capacitor by the LED’s during the PWM off-time.
Therefore, low dimming frequencies can only be used in
such an application.
TABLE 4. BOOST MODE COMPENSATION 12V OPERATION
VFB
IOUT
VOUT (V)
7
10.5
14
17.5
21
24.5
28
LED’s
2
34
567
8
50mV
50mA
Electrolytic
Ceramic
DMIN
DMIN
DMIN
60µF
40µF
40µF
40µF
100mV
100mA
Electrolytic
47µF
47µF
Ceramic
DMIN
DMIN
DMIN
40µF
20µF
40µF
40µF
200mV
350mA
Electrolytic
47µF
47µF
Ceramic
DMIN
DMIN
DMIN
40µF
20µF
40µF
40µF
200mV
1A
Electrolytic
47µF
47µF
Ceramic
DMIN
DMIN
DMIN
20µF
20µF
40µF
40µF
TABLE 5. CERAMIC CAPACITOR VARIABILITY
CAPACITOR TYPE
TYPICAL VOLTAGE
VARIATION
TEMPERATURE
VARIATION
X7R, 10V
-30% at 10V
-15% at +125°C
X5R, 25V
-50% at 25V
-9% at +85°C
Y5V, 6.3V
-90% at 6.3V
-65% at +85°C
ISL78100


Similar Part No. - ISL78100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

Similar Description - ISL78100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com