Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL78100
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL78100 Datasheet HTML 10Page - Intersil Corporation ISL78100 Datasheet HTML 11Page - Intersil Corporation ISL78100 Datasheet HTML 12Page - Intersil Corporation ISL78100 Datasheet HTML 13Page - Intersil Corporation ISL78100 Datasheet HTML 14Page - Intersil Corporation ISL78100 Datasheet HTML 15Page - Intersil Corporation ISL78100 Datasheet HTML 16Page - Intersil Corporation ISL78100 Datasheet HTML 17Page - Intersil Corporation ISL78100 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
FN6626.0
December 17, 2007
Rectifier Diode
A high speed rectifier diode is necessary to prevent
excessive voltage overshoot, especially in the boost
configuration. Low forward voltage and reverse leakage
current will minimize losses, making Schottky diodes the
preferred choice. Similarly to the inductor, a diode with a
suitable current rating to handle current limit in the
configuration must be used.
Output Capacitor
The output capacitor acts to smooth the output voltage and
in the boost configuration supplies load current directly
during the conduction phase of the power switch. Ripple
voltage consists of two components, the first due to charging
and discharging of the capacitor; the second due to IR drop
across the ESR of the capacitor by inductor ripple current.
In boost mode:
where:
and
In buck mode:
where:
For a low ESR ceramic capacitor, output ripple is dominated
by the charging and discharging of the output capacitor.
Care should be taken to ensure the voltage rating of the
capacitor exceeds the maximum output voltage.
Compensation
The ISL78100 employs a direct summing control loop with
current feedback. No error amplifier is used in the system.
The arrangement provides fast transient response and
makes use of the output capacitor to compensate the loop.
The effect of the pole associated with the inductor is
minimized by the current feedback. The number of LEDs,
their DC bias current and the value of feedback resistor alter
loop stability due to their effect on feedback factor, which is
heavily influenced by the small signal impedance of the
LEDs. Generally, higher numbers of LEDs, lower bias levels
and smaller values of feedback resistor will require smaller
output capacitors to achieve loop stability. A combination of
low ESR electrolytic and ceramic capacitors may be used to
reduce implementation costs.
V
RIPPLE
I
O
C
OUT
----------------
D
F
S
-------
×
I
LPK
ESR
×
+
=
(EQ. 4)
D
V
OUT
V
IN
V
OUT
--------------------------------
=
(EQ. 5)
I
LPK
I
O
1D
-------------
V
OUT
V
IN
()
2L
×
------------------------------------
+
1D
()
f
s
------------------
×
=
(EQ. 6)
V
RIPPLE
V
IN
V
OUT
() D
×
2f
s
×
L
×
-----------------------------------------------
D
f
s
C
OUT
×
---------------------------
ESR
+
⎝⎠
⎛⎞
×
=
(EQ. 7)
D
V
OUT
V
IN
----------------
=
(EQ. 8)
TABLE 2. BOOST MODE COMPENSATION. 2.7V OPERATION
VFB
IOUT
VOUT (V)
7
10.5
14
17.5
21
24.5
28
LED’s
2
34
567
8
50mV
50mA
Electrolytic
94µF
47µF
DMAX
DMAX
Ceramic
40µF
20µF
40µF
20µF
20µF
100mV
100mA
Electrolytic
94µF
Ceramic
60µF
60µF
40µF
40µF
40µF
200mV
350mA
Electrolytic
94µF
47µF
47µF
47µF
ILIM
ILIM
ILIM
Ceramic
60µF
40µF
40µF
40µF
200mV
1A
Electrolytic
ILIM
ILIM
ILIM
ILIM
ILIM
ILIM
ILIM
Ceramic
TABLE 3. BOOST MODE COMPENSATION 6V OPERATION
VFB
IOUT
VOUT (V)
7
10.5
14
17.5
21
24.5
28
LED’s
2
34
567
8
50mV
50mA
Electrolytic
94µF
47µF
Ceramic
40µF
20µF
40µF
20µF
20µF
20µF
20µF
100mV
100mA
Electrolytic
141µF
47µF
Ceramic
60µF
60µF
60µF
40µF
40µF
40µF
40µF
200mV
350mA
Electrolytic
141µF
47µF
47µF
Ceramic
60µF
60µF
40µF
60µF
40µF
40µF
40µF
200mV
1A
Electrolytic
94µF
47µF
ILIM
ILIM
ILIM
ILIM
ILIM
Ceramic
40µF
40µF
ISL78100


Similar Part No. - ISL78100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

Similar Description - ISL78100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com