Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL78100
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL78100 Datasheet HTML 9Page - Intersil Corporation ISL78100 Datasheet HTML 10Page - Intersil Corporation ISL78100 Datasheet HTML 11Page - Intersil Corporation ISL78100 Datasheet HTML 12Page - Intersil Corporation ISL78100 Datasheet HTML 13Page - Intersil Corporation ISL78100 Datasheet HTML 14Page - Intersil Corporation ISL78100 Datasheet HTML 15Page - Intersil Corporation ISL78100 Datasheet HTML 16Page - Intersil Corporation ISL78100 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
FN6626.0
December 17, 2007
Over-Temperature Shutdown
An internal sense circuit disables PWM switching if the die
temperature exceeds +135°C. Switching is re-enabled when
the temperature falls below +100°C.
Internal 5V LDO
An internal LDO between VIN and VDC regulates VDC to 5V,
to power control and gate drive circuits when VIN exceeds
5.1V. In normal operation decouple VDC with at least 3.3µF.
In applications where the input supply is less than 5.5V, VDC
should be tied directly to VIN.
LED Temperature Control
LED lifetime reduces dramatically with elevated
temperature. An over-temperature control circuit utilizing the
thermistor voltage at TEMP reduces the LED bias current
when VTEMP exceeds the threshold voltage on TMAX. To
minimize noise injection, use a potential divider between
VDC and GND to set the voltage on TMAX, as shown in
Figure 34. The value of TMAX for a specific threshold
temperature is determined by the choice of thermistor
temperature coefficient. Disable the function by connecting
the TMAX pin to VDC and TEMP pin to GND.
Component Selection
Input Capacitor
Switching regulators require input capacitors to deliver peak
charging current and to reduce the impedance of the input
supply. This reduces interaction between the regulator and
input supply, improving system stability. The high switching
frequency of the loop causes almost all ripple current to flow
in the input capacitor, which must be rated accordingly.
Considerably more input current ripple is generated in buck
mode than boost mode. In buck mode input current is
alternately switched between IOUT and zero. The RMS
current flow in the input capacitor is given by Equation 3:
Where: D = Duty Cycle
The input current is maximum for D = 0.5 and when IOUT
approaches current limit (2.4A) giving a value of around
1.2A.
A capacitor with low internal series resistance should be
chosen to minimize heating effects and improve system
efficiency, such as X5R or X7R ceramic capacitors, which
offer small size and a lower value of temperature and voltage
coefficient compared to other ceramic capacitors.
In boost mode input current flows continuously into the
inductor, with an AC ripple component proportional to the
rate of inductor charging only and smaller value input
capacitors may be used. It is recommended that an input
capacitor of at least 10µF be used. Ensure the voltage rating
of the input capacitor is suitable to handle the full supply
range.
In automotive applications, the input capacitor can be
protected from exposure to high voltages present during
fault conditions (load dump) by connecting it downstream of
the fault protection switch, as shown in Figures 39 and 40.
Inductor
Careful selection of inductor value will optimize circuit
operation. Inductor type and value influence many key
parameters, including ripple current, current limit, efficiency,
transient performance and stability. Internal slope
compensation has been optimized for inductor values
between 4.7µH and 10µH. Ensure the inductor current rating
is capable of handling the current limit value in the
configuration used (2.4A for buck, 3.5A for boost). If an
inductor core is chosen with too low a current rating,
saturation in the core will cause the effective inductor value
to fall, leading to an increase in peak to average current
level, poor efficiency and overheating in the core.
FIGURE 33. EXTERNAL OVP CIRCUIT
COUT
20µF
R1
100
VIN
FB
SWS1 SWS2
SWD1
SWD2
VBAT FAULT
ISL78100
VBAT
ZOVP
VOUT
L1
10µH
0.5
RSENSE
FIGURE 34. OVER-TEMPERATURE CIRCUIT
ISL78100
GND
VIN
TEMP
THERMISTOR
CLOSE
VDC
LDO
CREG
0.47µF
RM1
20k
RT
10k
+
-
TEMPERATURE
COMPENSATION
RM2
80k
TMAX
FB LEVEL
CURRENT
TO LEDs
I
CAPRMS
I
OUT
DD
2
()
=
(EQ. 3)
ISL78100


Similar Part No. - ISL78100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

Similar Description - ISL78100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com