Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL78100
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL78100 Datasheet HTML 8Page - Intersil Corporation ISL78100 Datasheet HTML 9Page - Intersil Corporation ISL78100 Datasheet HTML 10Page - Intersil Corporation ISL78100 Datasheet HTML 11Page - Intersil Corporation ISL78100 Datasheet HTML 12Page - Intersil Corporation ISL78100 Datasheet HTML 13Page - Intersil Corporation ISL78100 Datasheet HTML 14Page - Intersil Corporation ISL78100 Datasheet HTML 15Page - Intersil Corporation ISL78100 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
FN6626.0
December 17, 2007
.
Bias Current Dimming
Current in the LED load is determined by the value of the
feedback resistor and the target feedback regulation voltage
as shown in Equation 1:
With MODE tied to VDC, voltage across the feedback
resistor is set by VLEVEL as shown in Equation 2:
The value of VFB should be limited to between 50mV and
450mV for linear operation. For minimum light output, VFB
may be set below 50mV. With MODE tied to GND, voltage
across the feedback resistor is set at ~400mV via an internal
reference. In either operating mode, if LED temperature
control is enabled, the value of VFB will be reduced when
maximum LED temperature is exceeded.
Input Overvoltage
For automotive applications, an external high voltage NFET
driven by the FAULT pin disconnects the device from the
input supply in response to voltage spikes on the input
supply. During start-up, an internal charge pump drives the
FAULT pin above the input voltage, ensuring the NFET is
fully enhanced and powering up the device. In normal
operation, the switching node of the boost regulator or the
floating supply of the buck regulator is used to pump FAULT
above VIN. On detection of an overvoltage, the FAULT pin is
discharged to GND. The gate to source voltage of the
NDMOS is internally limited to ±15V to prevent voltage
stress.
Fault Protection
The external NFET is also used as a fault protection switch,
disconnecting the input supply if a fault occurs for more than
50ms. The system monitors feedback voltage regulation,
output overvoltage and input overvoltage. For applications
not requiring input voltage or fault protection, connect VBAT
and VIN directly together. All faults except input supply
overvoltage latch the ISL78100 into an off-state that can be
cleared by either power cycling the input supply or the
EN/PWM pin. Connecting the TMAX pin to VDC disables the
fault latch function (LED over-temperature control is also
disabled).
Output Overvoltage Protection (OVP)
If the FB pin is shorted to ground or an LED fails open circuit,
output voltage in BOOST mode can increase to potentially
damaging voltages. An optional overvoltage protection
circuit can be enabled by connection of the OVP pin to the
output voltage. The device will stop switching if the output
voltage exceeds OVPH and re-start when the output voltage
falls below OVPL. During sustained OVP fault conditions,
VOUT will saw-tooth between the upper and lower threshold
voltages at a frequency determined by the magnitude of
current available to discharge the output capacitor and the
value of output capacitor used.
The OVP threshold can be set to a lower value by using an
external zener diode and resistor, as shown in Figure 33. R1
should be adjusted to minimize offset in the FB voltage due
to FB pin input current. A value of 100
Ω is recommended.
FIGURE 31. OPERATION WITH ENL CONTROLLED FET
FIGURE 32. OPERATION WITH NO ENL CONTROLLED FET
I
LED
V
FB
R
SENSE
-----------------------
=
(EQ. 1)
V
FB
V
LEVEL
5
----------------------
=
(EQ. 2)
ISL78100


Similar Part No. - ISL78100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

Similar Description - ISL78100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com