Electronic Components Datasheet Search |
|
ISL78100 Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL78100 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 19 page 3 FN6626.0 December 17, 2007 . FBOV FAULT Feedback Overvoltage Fault VLEVEL = 1V, EN/PWM = 3V 220 250 300 mV fSW Switching Frequency 800 1000 1150 kHz fDIMMING Maximum Recommended PWM Dimming Frequency Mode = 1, modulation signal applied to EN/PWM 10 kHz tSWITCH Load Switch Transition Time CGATE = 2nF 100 ns RLSDRIVERL Load Switch Driver Impedance Low EN/PWM = 0 30 50 Ω RLSDRIVERH Load Switch Driver Impedance High EN/PWM = 3V 30 52 Ω tFAULT Fault Timer Period 40 50 60 ms tDELAY Start-up Delay Timed LX switching delay 0.85 1 1.24 ms VFAULTPUMP Fault Pin Charge Pump VBAT = VIN = 3V 6 V VBOOST Boost Mode Threshold BUCK/BOOSTN = GND 0.4VDC V VBUCK Buck Mode Threshold BUCK/BOOSTN = VDC 0.94VDC V VMODEL Mode Low Threshold MODE = GND 1/3VDC V VMODEH Mode High Threshold MODE = VDC 2/3VDC V enFAULT Input Level Applied to TMAX Pin to Enable Fault Protection 0.9VDC V disFAULT Input Level Applied to TMAX Pin to Disable Fault Protection 0.96VDC V enTEMP Input Level Applied to TEMP Pin to Enable Temperature Compensation 0.5 V disTEMP Input Level Applied to TEMP Pin to Disable Temperature Compensation 0.08 V TCOMPP VFB Positive Temperature Compensation; VFB/VFBnom VTEMP/VDC = 0.80 1.26 TCOMPN VFB Negative Temperature Compensation; VFB/VFBnom VTEMP/VDC = 0.20 0.74 TTRIP Internal Temperature Protection Threshold 135 °C THYS Internal Temperature Protection Hysteresis 25 °C VEN/PWML EN/PWM Pin Input Low Threshold 1.2 V VEN/PWMH EN/PWM Pin Input High Threshold 2.5 V VDCUVLO VDC Undervoltage Lockout 2.6 V RSchottky Internal Schottky Diode for Buck 15 23 Ω Electrical Specifications VBAT = VIN = 12V, VDC = 5V, TA = -40°C to +105°C unless otherwise specified. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT TABLE 1. LIGHT OUTPUT CONTROL, VDC = 5.0V MODE TEMP OPERATING MODE 1 (VDC - 0.25) > V > 0.25V Standard Mode light level to PWM modulation of EN/PWM input; LED bias current determined by LEVEL voltage, nominal 1V Don’t Care V < 0.25V Disable temperature compensation 0 V < (VDC - 0.25) Fixed Bias Mode VFB level internally set to 0.4V, independent of VLEVEL ISL78100 |
Similar Part No. - ISL78100 |
|
Similar Description - ISL78100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |