Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK22002502 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # BK22002502
Description  Spark Gap (SPG)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

BK22002502 Datasheet(HTML) 2 Page - YAGEO Corporation

  BK22002502 Datasheet HTML 1Page - YAGEO Corporation BK22002502 Datasheet HTML 2Page - YAGEO Corporation BK22002502 Datasheet HTML 3Page - YAGEO Corporation BK22002502 Datasheet HTML 4Page - YAGEO Corporation BK22002502 Datasheet HTML 5Page - YAGEO Corporation BK22002502 Datasheet HTML 6Page - YAGEO Corporation BK22002502 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
BK2 SERIES
SPARK GAP
Circuit Protection
www.yageo.com
Jul. 04, 2023 V.1
Spark Gap (SPG) Data Sheet
Features
Approximately zero leaking current before clamping voltage
Less decay at on/off state.
High capability to withstand repeated lightning strikes.
Low electrode capacitance(≤0.8pF) and high isolation(≥100MΩ).
RoHS compliant.
Bilateral symmetrical.
Temperature, humidity and lightness insensitive.
■ Operating
temperature: -40℃ ~ +85℃
Storage temperature: -40℃ ~ +125℃
Meets MSL level 1, per J-STD-020
Applications
Power Supplies
Motor sparks eliminating
Relay switching spark absorbing
Data line pulse guarding
Telephone/Fax/Modem
High frequency signal transmitters/receivers
Satellite antenna
Radio amplifiers
Alarm systems
Cathode ray tubes in Monitors/TVs
Dimensions
Color code 1
Color code 2
Color code 3
D
L1
L
L1
d
Symbol
Dimension (mm)
L
4.3±0.5
L1
28.0±3.0
D
Φ2.6±0.5
d
Φ0.5±0.05


Similar Part No. - BK22002502

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK22002502-M YAGEO-BK22002502-M Datasheet
407Kb / 6P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results

Similar Description - BK22002502

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com