Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK22002502-M Datasheet(PDF) 2 Page - YAGEO Corporation

Part # BK22002502-M
Description  Spark Gap (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

BK22002502-M Datasheet(HTML) 2 Page - YAGEO Corporation

  BK22002502-M Datasheet HTML 1Page - YAGEO Corporation BK22002502-M Datasheet HTML 2Page - YAGEO Corporation BK22002502-M Datasheet HTML 3Page - YAGEO Corporation BK22002502-M Datasheet HTML 4Page - YAGEO Corporation BK22002502-M Datasheet HTML 5Page - YAGEO Corporation BK22002502-M Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
BK2-M SERIES
SPARK GAP
Circuit Protection
www.yageo.com
Jul. 04, 2023 V.1
Spark Gap (SPG) Data Sheet
Features
Approximately zero leaking current before clamping voltage
Less decay at on/off state.
High capability to withstand repeated lightning strikes.
Low electrode capacitance(≤0.8pF) and high isolation(≥100MΩ).
RoHS compliant.
Bilateral symmetrical.
Temperature, humidity and lightness insensitive.
■ Operating
temperature: -40℃ ~ +85℃
Storage temperature: -40℃ ~ +125℃
Meets MSL level 1, per J-STD-020
Applications
Power Supplies
Motor sparks eliminating
Relay switching spark absorbing
Data line pulse guarding
Telephone/Fax/Modem
High frequency signal transmitters/receivers
Satellite antenna
Radio amplifiers
Alarm systems
Cathode ray tubes in Monitors/TVs
Dimensions
D
d
t
L
Recommended Pad Size(mm)
2.0
2.8
2.0
Symbol
Dimension (mm)
L
5.0±0.5
D
Φ2.8±0.5
d
Φ2.6±0.5
t
0.4±0.1


Similar Part No. - BK22002502-M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK22002502 YAGEO-BK22002502 Datasheet
416Kb / 7P
Spark Gap (SPG)
Jul. 04, 2023 V.1
More results

Similar Description - BK22002502-M

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com