Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS-2981RH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IS-2981RH
Description  Radiation Hardened 8-Channel Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS-2981RH Datasheet(HTML) 1 Page - Renesas Technology Corp

  IS-2981RH Datasheet HTML 1Page - Renesas Technology Corp IS-2981RH Datasheet HTML 2Page - Renesas Technology Corp IS-2981RH Datasheet HTML 3Page - Renesas Technology Corp IS-2981RH Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FN4869 Rev 1.00
Page 1 of 4
Jun 24, 2013
FN4869
Rev 1.00
Jun 24, 2013
IS-2981RH, IS-2981EH
Radiation Hardened 8-Channel Source Driver
DATASHEET
The Radiation Hardened IS-2981RH, IS-2981EH are monolithic
devices designed for use in high-side switching applications
that benefit from separate grounds for the logic and loads. The
devices have a 5V to 80V operating supply voltage range and is
capable of sourcing -200mA continuously from each output.
The outputs are controlled by active-high inputs and may be
paralleled to increase the drive current. The output clamp
diodes prevent device damage, when switching inductive
loads.
Constructed with the Intersil bonded wafer, dielectrically
isolated HVTDLM process, these single event latch-up immune
devices have been specifically designed to provide highly
reliable performance in harsh radiation environments. They
are fully guaranteed for 100krad(Si) high dose rate and
50krad(Si) low dose rate total dose performance through
wafer-by-wafer radiation testing, and are production tested
over the full military temperature range.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-00520. A “hot-link” is provided on our
homepage for downloading
Features
• Electrically screened to SMD # 5962-00520
• QML qualified per MIL-PRF-38535 requirements
•Radiation environment
- Single event latch-up immune DI process
- High dose rate . . . . . . . . . . . . . . . . . . . . . . . . . . 100krad(Si)
- Low dose rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50krad(Si)
• Input voltage range . . . . . . . . . . . . . . . 0.0V to VCC (20V max)
• Supply voltage range . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 80V
• Turn-on delay time . . . . . . . . . . . . . . . . . . . . . . . . . . . 2µs (max)
• Turn-off delay time . . . . . . . . . . . . . . . . . . . . . . . . . . 11µs (max)
• Output clamp diode, VF . . . . . . . . . . . . . . . . . . . . .-1.75V (max)
Applications
• Drivers for various loads
- Relays, solenoids and motors
• Reliable replacement of discrete solutions
• Interfacing between low-level logic and high-current loads
Pin Configuration
IS1-2981RH-Q, IS1-2981EH-Q
(CDIP2-T18)
TOP VIEW
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
OUT 1
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
OUT 2
GND
IN 1
IN 2
IN 3
IN 4
IN 5
IN 6
IN 8
IN 7
VCC


Similar Part No. - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
More results

Similar Description - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
logo
Microsemi Corporation
AAHS298B MICROSEMI-AAHS298B Datasheet
508Kb / 11P
Radiation Tolerant 8-Channel Source Driver
June 2017 Rev. 1.6
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com