Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS-2981RH Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IS-2981RH
Description  Radiation Hardened 8-Channel Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS-2981RH Datasheet(HTML) 4 Page - Renesas Technology Corp

  IS-2981RH Datasheet HTML 1Page - Renesas Technology Corp IS-2981RH Datasheet HTML 2Page - Renesas Technology Corp IS-2981RH Datasheet HTML 3Page - Renesas Technology Corp IS-2981RH Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FN4869 Rev 1.00
Page 4 of 4
Jun 24, 2013
IS-2981RH, IS-2981EH
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2000-2013. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Ceramic Dual-In-Line Metal Seal Packages (SBDIP)
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark.
2. The maximum limits of lead dimensions b and c or M shall be
measured at the centroid of the finished lead surfaces, when
solder dip or tin plate lead finish is applied.
3. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness.
4. Corner leads (1, N, N/2, and N/2+1) may be configured with a
partial lead paddle. For this configuration dimension b3 replaces
dimension b2.
5. Dimension Q shall be measured from the seating plane to the
base plane.
6. Measure dimension S1 at all four corners.
7. Measure dimension S2 from the top of the ceramic body to the
nearest metallization or lead.
8. N is the maximum number of terminal positions.
9. Braze fillets shall be concave.
10. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
11. Controlling dimension: INCH.
bbb
C A - B
S
c
Q
L
A
SEATING
BASE
D
PLANE
PLANE
S
S
-D-
-A-
-C-
eA
-B-
aaa
C A - B
M
D
S
S
ccc
C A - B
M
D
S
S
D
E
S1
b2
b
A
e
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
eA/2
S2
M
A
D18.3 MIL-STD-1835 CDIP2-T18 (D-6, CONFIGURATION C)
18 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.200
-
5.08
-
b
0.014
0.026
0.36
0.66
2
b1
0.014
0.023
0.36
0.58
3
b2
0.045
0.065
1.14
1.65
-
b3
0.023
0.045
0.58
1.14
4
c
0.008
0.018
0.20
0.46
2
c1
0.008
0.015
0.20
0.38
3
D
-
0.960
-
24.38
-
E
0.220
0.310
5.59
7.87
-
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
-
eA/2
0.150 BSC
3.81 BSC
-
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.070
0.38
1.78
5
S1
0.005
-
0.13
-
6
S2
0.005
-
0.13
-
7
90o
105o
90o
105o
-
aaa
-
0.015
-
0.38
-
bbb
-
0.030
-
0.76
-
ccc
-
0.010
-
0.25
-
M
-
0.0015
-
0.038
2
N18
18
8
Rev. 0 5/18/94


Similar Part No. - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
More results

Similar Description - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
logo
Microsemi Corporation
AAHS298B MICROSEMI-AAHS298B Datasheet
508Kb / 11P
Radiation Tolerant 8-Channel Source Driver
June 2017 Rev. 1.6
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com