Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS-2981RH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IS-2981RH
Description  Radiation Hardened 8-Channel Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IS-2981RH Datasheet(HTML) 3 Page - Renesas Technology Corp

  IS-2981RH Datasheet HTML 1Page - Renesas Technology Corp IS-2981RH Datasheet HTML 2Page - Renesas Technology Corp IS-2981RH Datasheet HTML 3Page - Renesas Technology Corp IS-2981RH Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IS-2981RH, IS-2981EH
FN4869 Rev 1.00
Page 3 of 4
Jun 24, 2013
Die Characteristics
DIE DIMENSIONS:
2667
µm x 5131µm (105 mils x 202 mils)
Thickness: 483
µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS
Glassivation
Type: Nitride (Si3N4) over Silox (SiO2)
Nitride Thickness: 4.0k
Å ± 1.0kÅ
Silox Thickness: 12.0k
Å ±4.0kÅ
Metallization
Top Metal 2: Ti/AlCu
Thickness: 1.6
µm ±
0.02µm
Metal 1: Ti/AlCu
Thickness: 0.8
µm ±
0.01µm
Substrate
HVTDLM, Bonded Wafer, Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Must be tied to GND.
ADDITIONAL INFORMATION
Worst Case Current Density
<1.0 x 105 A/cm2
Transistor Count
68
Metallization Mask Layout
IS-2981RH, IS-2981EH
87
6
5
4
3
2
1
9
9
10
11
12
13
14
15
16
17
18
10
10A
9
9
NOTES:
4. Pad numbers correspond to package pin functions.
5. Bond to all four pad 9 locations for VCC current sharing purposes.
6. Bond to both pad 10 locations for GND current sharing purposes.
7. Pad 10A is not used in die applications.
8. Die backside must be connected to GND.


Similar Part No. - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
More results

Similar Description - IS-2981RH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
Radiation Hardened Quad Differential Line Driver
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
logo
Microsemi Corporation
AAHS298B MICROSEMI-AAHS298B Datasheet
508Kb / 11P
Radiation Tolerant 8-Channel Source Driver
June 2017 Rev. 1.6
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com