Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4521BP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC4521BP
Description  24-Stage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4521BP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC4521BP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC4521BP_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC4521BP
2007-10-01
5
Static Electrical Characteristics (VSS1 = VSS2 = 0 V, VDD1 = VDD2)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.5
−1.5
−4.0
−0.51
−2.1
−1.3
−3.4
−1.0
−4.0
−2.2
−9.0
−0.42
−1.7
−1.1
−2.8
Output high current
IOH
VIN = VSS, VDD
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.5
4.0
0.51
1.3
3.4
1.2
3.2
12.0
0.42
1.1
2.8
Output low current
IOL
VIN = VSS, VDD
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.5
8.25
3.5
7.0
11.0
Input high voltage
VIH
⎪IOUT⎪ < 1 μA
V
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Input low voltage
VIL
⎪IOUT⎪ < 1 μA
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
5
10
20
0.005
0.010
0.015
5
10
20
150
300
600
μA
Note: All valid input combinations.


Similar Part No. - TC4521BP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP Datasheet
256Kb / 6P
   TOSHIBA CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC (24-STAGE FREQUENCY DIVIDER)
More results

Similar Description - TC4521BP_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com