Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP400 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP400
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP400 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 6Page - Texas Instruments TMP400 Datasheet HTML 7Page - Texas Instruments TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments TMP400 Datasheet HTML 10Page - Texas Instruments TMP400 Datasheet HTML 11Page - Texas Instruments TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
CONFIGURATION REGISTER
TMP400
SBOS404 – DECEMBER 2007
The BUSY bit is ‘1’ if the ADC makes a conversion. It
The TMP400 NORs LHIGH, LLOW, RHIGH, RLOW,
is ‘0’ if the ADC is not converting.
and OPEN, so a status change for any of these flags
from ‘0’ to ‘1’ automatically causes the ALERT pin to
The OPEN bit is ‘1’ if the remote transistor was
go low.
detected as open since the last read of the Status
Register. The OPEN status is only detected when the
ADC attempts to convert a remote temperature.
The Configuration Register controls shutdown mode
The LHIGH bit is ‘1’ if the local high limit was
and disables the ALERT pin. The Configuration
exceeded since the last clearing of the Status
Register is set by writing to pointer address 09h and
Register. The RHIGH bit is ‘1’ if the remote high limit
read by reading from pointer address 03h.
was exceeded since the last clearing of the Status
Register.
The MASK bit (bit 7) enables or disables the ALERT
pin output. If MASK is set to ‘0’, the ALERT pin goes
The LLOW bit is ‘1’ if the local low limit was exceeded
low when one of the temperature measurement
since the last clearing of the Status Register. The
channels exceeds its high or low limits for the chosen
RLOW bit is ‘1’ if the remote low limit was exceeded
number of consecutive conversions. If the MASK bit
since the last clearing of the Status Register.
is set to ‘1’, the TMP400 retains the ALERT pin
The values of the LLOW, RLOW, and OPEN bits are
status, but the ALERT pin does not go low.
latched and read as ‘1’ until the Status Register is
The shutdown (SD) bit (bit 6) enables or disables the
read or a device reset occurs. These bits are cleared
temperature measurement circuitry. If SD = 0, the
by reading the Status Register, provided that the
TMP400 converts continuously at the rate set in the
condition causing the flag to be set no longer exists.
conversion rate register. When SD is set to ‘1’, the
The BUSY bit is not latched and is not cleared by
TMP400 immediately stops converting and enters a
reading the Status Register. The BUSY bit always
shutdown mode. When SD is set to ‘0’ again, the
indicates the current state and updates appropriately
TMP400 resumes continuous conversions.
at the end of the corresponding ADC conversion.
Clearing the Status Register bits does not clear the
The remaining bits of the Configuration Register are
state of the ALERT pin; an SMBus alert response
reserved and must always be set to ‘0’. The power-on
address command must be used to clear the ALERT
reset
value
for
this
register
is
00h.
Table
4
pin.
summarizes the bits of the Configuration Register.
Table 4. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (Read = 03h, Write = 09h, POR = 00h)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
0 = ALERT Enabled
7
MASK
0
1 = ALERT Masked
0 = Run
6
SD
0
1 = Shut Down
5, 4, 3, 2, 1, 0
Reserved
0
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400


Similar Part No. - TMP400

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP400-18 TRUMPOWER-TMP400-18 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP400-24 TRUMPOWER-TMP400-24 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP400-28 TRUMPOWER-TMP400-28 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP400-36 TRUMPOWER-TMP400-36 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
More results

Similar Description - TMP400

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com