Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4T28-BR12SH1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M4T28-BR12SH1
Description  3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M4T28-BR12SH1 Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 9Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 10Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 11Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 12Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 13Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 14Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 15Page - STMicroelectronics M4T28-BR12SH1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Operation modes
M48T35AV
12/28
Also, as VCC rises, the battery voltage is checked. If the voltage is less than approximately
2.5V, an internal Battery Not OK (BOK) flag will be set. The BOK flag can be checked after
power up. If the BOK flag is set, the first WRITE attempted will be blocked. The flag is
automatically cleared after the first WRITE, and normal RAM operation resumes. Figure 8
illustrates how a BOK check routine could be structured.
For more information on Battery Storage Life refer to the Application Note AN1012.
Figure 8.
Checking the BOK flag status
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE


Similar Part No. - M4T28-BR12SH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
51Kb / 7P
TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
346Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
172Kb / 12P
TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
358Kb / 41P
Serial real-time clock with 44 bytes NVRAM and reset
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
139Kb / 16P
TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
More results

Similar Description - M4T28-BR12SH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_03 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 11
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com