Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5858 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5858
Description  HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5858 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5858 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5858 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5858 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5858 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5858 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5858 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5858
2006-11-22
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
100
1
0.01
Tc = 100°C
−25
25
0.1
10
100
10
Common emitter
VCE = 5 V
1
Base
−emitter voltage VBE (V)
IC – VBE
−25
25
Tc = 100°C
0
16
12
4
8
20
0
0.2
0.4
0.6
1.2
1.0
Common emitter
VCE = 5 V
0.8
10
0
0
16
12
4
2
4
6
8
10
8
20
Common emitter
Tc = 25℃
0.6
1.5
2.0
IB = 0.2 A
4.0
2.5
0.8
1.2
0.4
1.0
3.0
3.5


Similar Part No. - 2SC5858

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5850 RENESAS-2SC5850 Datasheet
85Kb / 6P
   Silicon NPN Epitaxial
2SC5851 RENESAS-2SC5851 Datasheet
96Kb / 7P
   Silicon NPN Epitaxial
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Toshiba Semiconductor
2SC5855 TOSHIBA-2SC5855 Datasheet
194Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
logo
Inchange Semiconductor ...
2SC5855 ISC-2SC5855 Datasheet
285Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5858

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5857 TOSHIBA-2SC5857 Datasheet
197Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
2SC5748 TOSHIBA-2SC5748 Datasheet
138Kb / 5P
   Horizontal Deflection Output for HDTV&Digital TV
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
logo
JILIN SINO-MICROELECTRO...
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
   Horizontal deflection output for color TV.
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
   Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
   Horizontal deflection output for color TV
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
   Horizontal deflection output for color TV.
3DD5023P JSMC-3DD5023P Datasheet
210Kb / 5P
   Horizontal deflection output for color TV
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
   Horizontal deflection output for color TV.
logo
List of Unclassifed Man...
2SC937 ETC-2SC937 Datasheet
34Kb / 1P
   TRANSLESS TV HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com