Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-48S33 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # FDC20-48S33
Description  Isolated and Regulated 20 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC20-48S33 Datasheet(HTML) 4 Page - Astrodyne Corporation

  FDC20-48S33 Datasheet HTML 1Page - Astrodyne Corporation FDC20-48S33 Datasheet HTML 2Page - Astrodyne Corporation FDC20-48S33 Datasheet HTML 3Page - Astrodyne Corporation FDC20-48S33 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isolated and Regulated 20 WATT Modular DC/DC Converters
f d c 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
fax: 508-823-8181
WWW.ASTROdYNE.cOM
OUTPUT dERATING cURVE
MEcHANIcAL dIMENSIONS
Pin #
Single
dual
Triple
1
+ Input
+ Input
+ Input
2
- Input
- Input
- Input
3
No Pin
No Pin
No Pin
4
Control
Control
Control
5
No Pin
+ Output
+ Aux Out
6
+ Output
Common
+5V, +3.3V
7
- Output
- Output
Common
8
Trim
Trim
- Aux Out
1. All dimensions in Inches (mm)
Tolerance: X.XX 0.02 (X.X 0.5)
X.XXX 0.01 (X.XX 0.25)
2. Pin pitch tolerance 0.014(0.35)
1.60 (40.6)
0.20 (5.1)
0.70 (17.8)
0.60 (15.2)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
0.70 (17.8)
0.40
(10.2)
0.22 (5.6)
1
2
4
5
8
7
6
Bottom
View
DIA. 0.04(1.0)
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC20-48S05 Derating Curve
Nature convection
45
55
65
75
36
40
74
75
INPUT VOLTAGE (V)
FDC20-48S05
Efficiency VS Input Voltage
84
83
82
81
80
79
78
77
76
60
50
70
2
3
3.5
4
0.5
1
60
65
OUTPUT LOAD (A)
FDC20-48S05
Efficiency VS Output load
84
83
82
81
80
78
76
74
70
1.5
2.5


Similar Part No. - FDC20-48S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-48S33 ETC2-FDC20-48S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-48S33 P-DUKE-FDC20-48S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-48S33 P-DUKE-FDC20-48S33 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-48S33 ASTRODYNE-FDC20-48S33 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-48S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20 ASTRODYNE-FDC20_16 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20 ASTRODYNE-SU20_16 Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W_16 Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
FED20W ASTRODYNE-FED20W Datasheet
225Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com