Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC00AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC00AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC00AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC00AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74HC00AP/AF/AFN
2007-10-01
3
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
1.0
10.0
μA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
tpLH
tpHL
6
12
ns


Similar Part No. - TC74HC00AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_12 Datasheet
205Kb / 7P
   Quad 2-Input NAND Gate
More results

Similar Description - TC74HC00AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74ACT00F TOSHIBA-TC74ACT00F_07 Datasheet
259Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_07 Datasheet
263Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com