Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC00AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC00AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC00AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC00AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC00AP_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC00AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC00AP,TC74HC00AF,TC74HC00AFN
Quad 2-Input NAND Gate
The TC74HC00A is a high speed CMOS 2-INPUT NAND
GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 6 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS00
Pin Assignment
IEC Logic Symbol
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC00AP
TC74HC00AF
TC74HC00AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC00AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC00AP TOSHIBA-TC74HC00AP_12 Datasheet
205Kb / 7P
Quad 2-Input NAND Gate
More results

Similar Description - TC74HC00AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
TC74ACT00F TOSHIBA-TC74ACT00F_07 Datasheet
259Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_07 Datasheet
263Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NAND Gate (open drain)
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com