Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4111-35Q Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S4111-35Q
Description  Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S4111-35Q Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S4111-35Q Datasheet HTML 1Page - Hamamatsu Corporation S4111-35Q Datasheet HTML 2Page - Hamamatsu Corporation S4111-35Q Datasheet HTML 3Page - Hamamatsu Corporation S4111-35Q Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S4111/S4114 series
S4111/S4114 series are Si photodiode linear array mounted in ceramic DIPs (Dual Inline Packages). These photodiode arrays are primarily
developed for low-light-level detection such as spectrophotometry, and cover a wide spectral range from UV to near infrared light. Since all
elements can be used with a reverse bias for charge storage readout, S4111/S4114 series are able to detect low level light with high sensitivity.
Cross-talk between elements is minimized to maintain signal purity. Special filters can be attached as the input window.
PHOTODIODE
Si photodiode array
16, 35, 46 element Si photodiode array for UV to NIR
Features
l Large active area
l Low cross-talk
l Wide spectral response range
l High UV sensitivity
l Wide linearity
l S4111 series: Enhanced infrared sensitivity,
low dark current
l S4114 series: Low terminal capacitance,
high-speed response
Applications
l Multichannel spectrophotometers
l Color analyzers
l Light spectrum analyzers
l Light position detection
s General ratings / Absolute maximum ratings
Absolute maximum ratings
Active area
(per 1 element)
Package
Size
Effective
area
Between
ele m e nts
m eas ur e
Between
ele m e nts
pitch
Reverse
voltage
VR Max.
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Di me nsional
outline/
Wi ndo w
material *
(mm)
(mm)
(mm
2)
(mm)
(mm)
Nu m b er
of
ele m e nts
(V)
(°C)
(°C)
S4111-16Q
➀/Q
S4111-16R
➁/R
18 pin DIP 1.45 × 0.9 1.305
16
S4111-35Q
➂/Q
40 pin DIP
35
S4111-46Q
➃/Q
48 pin DIP
46
S4114-35Q
➂/Q
40 pin DIP
35
S4114-46Q
➃/Q
48 pin DIP
4.4 × 0.9
3.96
0.1
1.0
46
15
-20 to +60
-20 to +80
s Electrical and optical characteristics (Typ. Ta=25 °C, per 1 element, unless otherwise noted)
Photo sensitivity
S
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
λp 200 nm 633 nm
Dark current
ID
Max.
Shunt
resistance
Rsh
VR=10 mV
Terminal
capacitance
Ct
Rise time
tr
RL=1 k
λ=655 nm
NEP
λ=λp
Type No.
(nm)
(nm)
(A/W) (A/W) (A/W)
VR=10 m V
(pA)
VR=10 V
(pA)
Min
(G
Ω)
Typ.
(G
Ω)
V R=0 V
(pF)
V R=10 V
(pF)
V R=0 V
(µs)
VR=10 V
(µs)
V R=0 V
(W/Hz1/2)
VR=10 V
(W/Hz1/2)
S4111-16Q
190 to 1100
0.08
0.43
S4111-16R
320 to 1100
-0.39
5
25
2.0
250
200
50
0.5
0.1
4.4 × 10-161.7 × 10-15
S4111-35Q
S4111-46Q
190 to 1100
960
0.58
10
50
1.0
30
550
120
1.2
0.3
1.3 × 10-153.1 × 10-15
S4114-35Q
S4114-46Q
190 to 1000
800
0.50
0.08
0.43
60
300
0.15
2
35
20
0.1
0.05 5.7 × 10
-15 8.0 × 10-15
* Window material R: resin coating, Q: quartz glass
1


Similar Part No. - S4111-35Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
More results

Similar Description - S4111-35Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
   16-element Si photodiode array
S3954 HAMAMATSU-S3954 Datasheet
63Kb / 2P
   76-element Si photodiode array High UV sensitivity photodiode array mounted in DIP
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
   16-element Si photodiode arrays
C9004 HAMAMATSU-C9004 Datasheet
156Kb / 2P
   Driver circuit for Si photodiode array
S11212 HAMAMATSU-S11212_15 Datasheet
623Kb / 8P
   16-element Si photodiode arrays
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
   Surface mountable 16-element photodiode array
C4675 HAMAMATSU-C4675 Datasheet
127Kb / 4P
   16 x 16 element photodiode array detector
logo
Silonex Inc.
SLDA-61S10-XX SILONEX-SLDA-61S10-XX Datasheet
22Kb / 1P
   Multi-element Photodiode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com