Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX147T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOTX147T
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX147T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOTX147T Datasheet HTML 1Page - Toshiba Semiconductor TOTX147T Datasheet HTML 2Page - Toshiba Semiconductor TOTX147T Datasheet HTML 3Page - Toshiba Semiconductor TOTX147T Datasheet HTML 4Page - Toshiba Semiconductor TOTX147T Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOTX147(F,T)
2006-12-28
2
3. Electrical and Optical Characteristics (Ta = 25°C, VCC = 3 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data Rate
NRZ Code
(Note 2)
DC
---
15
Mb / s
Transmission Distance
Using APF (Note 3) and TORX147(F,T)
0.2
---
5
m
Pulse Width Distortion
(Note 4)
t w
Pulse Width = 67 ns
Pulse Cycle = 134 ns
Using TORX147(F,T)
CL = 10 pF
−15
---
15
ns
Fiber Output Power
(Note 5)
Pf
−21
---
−15
dBm
Peak Emission Wavelength
λ
c
---
650
---
nm
Current Consumption
ICC
---
8
15
mA
High Level Input Voltage
VIH
2.1
---
---
V
Low Level Input Voltage
VIL
---
---
0.9
V
Note 2: LED is on when input signal is high, and off when it is low.
7.5Mb/s (max.) Biphase marked signal.
Note 3: All Plastic Fiber (980 / 1000 μm).
Note 4: Between input of TOTX147(F,T) and output of TORX147(F,T).
Note 5: Measure with a standard optical fiber, peak value.
4. Mechanical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Insertion Force
(Note 6)
Initial value
---
---
39.2
N
Withdrawal Force
(Note 6)
Initial value
5.9
---
39.2
N
Torque for Self−Tap
Using self−tapping screw
(M3 × 8)
58.8
---
98
N·cm
Note 6: Square type connector : EIAJ RC-5720B
5. Application Circuit
6. Required Optical Fiber with Fiber Optic Connectors
All Plastic Fiber with Square Type Connector ( EIAJ RC-5720B )


Similar Part No. - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141L TOSHIBA-TOTX141L Datasheet
1Mb / 20P
   Fiber-Optic Devices Toslink
TOTX141P TOSHIBA-TOTX141P Datasheet
114Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results

Similar Description - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com