Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX147T Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TOTX147T
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX147T Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TOTX147T Datasheet HTML 1Page - Toshiba Semiconductor TOTX147T Datasheet HTML 2Page - Toshiba Semiconductor TOTX147T Datasheet HTML 3Page - Toshiba Semiconductor TOTX147T Datasheet HTML 4Page - Toshiba Semiconductor TOTX147T Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOTX147(F,T)
2006-12-28
1
FIBER OPTIC TRANSMITTING MODULE
TOTX147(F,T)
FIBER OPTIC TRANSMITTING
MODULE FOR DIGITAL AUDIO
EQUIPMENT
Conforms to JEITA Standard CP−1212
(Digital Audio Optical Interface
for Consumer Equipment).
LED is driven by differential circuit.
A Self−tapping hole for easy attachment to
Audio Equipment panels.
RoHS Compatible
1. Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Storage Temperature
Tstg
−40 to 70
°C
Operating Temperature
Topr
−20 to 70
°C
Supply Voltage
VCC
−0.5 to 4.5
V
Input Voltage
VIN
−0.5 to VCC + 0.5
V
Soldering Temperature
Tsol
260 (Note 1)
°C
Note 1: Soldering time ≤ 10 seconds (At a distance of 1 mm from the package).
2. Operating Range
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
2.7
3.0
3.6
V
High−Level Input Voltage
VIH
2.1
---
VCC
V
Low−Level Input Voltage
VIL
0
---
0.9
V
Handling precaution: The LED’s used in this product contain GaAs (Gallium Arsenide).
Care must be taken to protect the safety of people and the environment when scrapping or
terminal processing.
Unit: mm
Pin Connection
1. GND
2. Vcc
3. Input


Similar Part No. - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
FIBER OPTIC TRANSMITTING MODULE
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
FIBER OPTIC TRANSMITTING MODULE
TOTX141L TOSHIBA-TOTX141L Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
TOTX141P TOSHIBA-TOTX141P Datasheet
114Kb / 6P
FIBER OPTIC TRANSMITTING MODULE
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results

Similar Description - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com