Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX147T Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TOTX147T
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX147T Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TOTX147T Datasheet HTML 1Page - Toshiba Semiconductor TOTX147T Datasheet HTML 2Page - Toshiba Semiconductor TOTX147T Datasheet HTML 3Page - Toshiba Semiconductor TOTX147T Datasheet HTML 4Page - Toshiba Semiconductor TOTX147T Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOTX147(F,T)
2006-12-28
4
(6)
Panel attachment
TOTX147(F,T) has hole for panel attachment. Please be sure to attach it to panel with self−tapping
screw.
(7)
Solvent
When using solvent for flux removal, do not use a high acid or high alkali solvent. Be careful not to
pour solvent in to the optical connector ports. If solvent is inadvertently poured in to them, clean it off
using cotton tips.
(8)
Protective cap
When the TOTX147(F,T) is not in use, attach the protective cap.
(9)
Supply voltage
Use the supply voltage within the recommended operating condition (VCC = 2.7 to 3.6V). Make sure
that supply voltage does not exceed the maximum rating value of 4.5 V, even for an instant.
(10) Input voltage
If a voltage exceeding the maximum rating value (VCC + 0.5 V) is applied to the transmitters' input,
the internal IC may suffer damage. If there is a possibility that excessive voltage due to surges may
be added to the input terminal, insert a protective circuit.
(11) Soldering condition
Solder at 260°C or less for no more than ten seconds.
(12) Precautions when disposing of devices and packing materials.
When disposing devices and packing materials, follow the procedures stipulated by local regulations
in order to protect the environment against contamination.
Compound semiconductors such, as GaAs are used as LED materials in this module. When devices
are disposed of, worker safety and protection of the environment must be taken into account.
(13) Precautions during use
Toshiba is continually working to improve the quality and reliability of their products. Nevertheless,
semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity
and their vulnerability to physical stress. It is the responsibility of the buyer, when utilizing Toshiba
products, to observe standards of safety, and to avoid situations in which the malfunction or failure of
a Toshiba product could cause loss of human life, bodily injury or damage to property.
When developing equipment, please ensure that Toshiba products are used within the specified
operating ranges set forth in the most recent product specifications. Also, please keep in mind the
precautions and conditions set forth in the Toshiba Semiconductor Reliability Handbook.


Similar Part No. - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141L TOSHIBA-TOTX141L Datasheet
1Mb / 20P
   Fiber-Optic Devices Toslink
TOTX141P TOSHIBA-TOTX141P Datasheet
114Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results

Similar Description - TOTX147T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com