Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8245 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L8245
Description  Infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8245 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L8245_06 Datasheet HTML 1Page - Hamamatsu Corporation L8245_06 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared LED
L8245
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KLED1034E02
Jun. 2006 DN
2
s Allowable forward current vs. duty ratio
s Emission spectrum
s Radiant flux vs. forward current
s Radiant output vs. ambient
temperature
s Directivity
KLEDB0298EA
KLEDB0223EA
KLEDB0299EA
KLEDB0222EA
s Forward current vs. forward voltage
KLEDB0224EA
s Allowable forward current vs. ambient
temperature
KLEDB0027EB
s Dimensional outline (unit: mm)
KLEDA0071EA
KLEDB0225EA
5.4 ± 0.2
4.7 ± 0.1
GLASS WINDOW
3.0 ± 0.1
2.54 ± 0.2
0.45
LEAD
COMMON TO CASE
1.2
1.4
1.6
1.8
2.0
0
40
20
60
80
100
WAVELENGTH (µm)
(Typ. Ta=25 ˚C, IF=50 mA)
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
40 %
60 %
20 %
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
100
%
-40
-20
0
20
40
60
80
100
-5
-4
-2
0
-3
-1
+1
+2
+3
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
0.01
DUTY RATIO (%)
10
0.1
1
10
100
100
1000
10000
PULSE WIDTH=1 µs
(Typ. Ta=25 ˚C)
PULSE WIDTH=100 µs
PULSE WIDTH=10 µs
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
10
100
0
100
10
1
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
0.5
1.5
1.0
2.0
10
1000
100
2.5


Similar Part No. - L8245_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245 Datasheet
106Kb / 2P
Peak emission wavelength: 1.65 關m
More results

Similar Description - L8245_06

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com