Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8245 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L8245
Description  Infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8245 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L8245_06 Datasheet HTML 1Page - Hamamatsu Corporation L8245_06 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L8245 is a long-wavelength infrared LED using an InGaAs chip. The peak emission occurs at a wavelength near the methane gas absorption
band, making L8245 ideal for a light source for methane gas detection.
Features
l Peak emission wavelength: 1.65 µm
l High radiant output
Applications
l Light source for methane gas detection
LED
Infrared LED
Peak emission wavelength: 1.65 µm
L8245
s Absolute maximum ratings (Ta=25
°C, unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
VR Max.
1
V
Forward current
IF
80
mA
Forward current decrease rate
-
1.1
mA/°C
Pulse forward current
IFP
Pulse width=10 µs
Duty ratio=1 %
1.0
A
Pulse forward current decrease rate
-
13
mA/°C
Power dissipation
P
150
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100 *
1
°C
*1: Guaranteed to resist temperature cycle test of up to 5 cycles.
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=50 mA
1.6
1.65
1.7
µm
Spectral half width
∆λ
IF=50 mA
-
130
-
nm
Radiant flux
φe
IF=50 mA
0.5
0.8
-
mW
Forward voltage
VF
IF=50 mA
-
1.0
1.5
V
Reverse current
IR
VR=1 V
-
-
10
µA
Cut-off frequency
fc
IF=50 mA±10 mAp-p, *
2
1
3
-
MHz
*2: Frequency at which the optical output decreases by -3 dB versus a reference output level at 100 kHz.
1
L8245 may be damaged or performance may deteriorate due to static electricity, so use caution when handling.


Similar Part No. - L8245_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245 Datasheet
106Kb / 2P
Peak emission wavelength: 1.65 關m
More results

Similar Description - L8245_06

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com