Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5276 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L5276
Description  Infrared LED Subminiature LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L5276 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L5276_06 Datasheet HTML 1Page - Hamamatsu Corporation L5276_06 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Peak emission wavelength
L5276
: 880 nm
L5586, L6286: 940 nm
l L6286: High output power
l Subminiature plastic package with lens
Applications
l Optical switches
l Cameras
l Encoders
LED
Infrared LED
Subminiature LED
L5276, L5586, L6286
L5276, L5586 and L6286 are infrared LED molded into a subminiature, clear plastic package.
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
50
mA
Reverse voltage
VR
5
V
Pulse forward
current
IFP
P u lse wid th : 10 0
µs
Duty ratio: 1 %
0.5
A
Power dissipation
Po
80
mW
O peratin g te m perature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +85
°C
Soldering
-
260 °C, 3 s
at least 2.5 mm away from package surface
-
s Electrical and optical characteristics (Ta=25 °C)
L5276
L5586
L6286
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Peak emission
wavelength
λp
IF=20 mA
-
880
-
-
940
-
-
940
-
nm
Spectral half width
∆λ
IF=20 mA
-
50
-
-
45
-
-
45
-
nm
Forward voltage
VF
IF=20 mA
-
1.3
1.6
-
1.25
1.45
-
1.25
1.45
V
Reverse current
IR
VR=5 V
-
-
10
-
-
10
-
-
10
µA
Radiant flux
φe
IF=20 mA
1.0
2.2
-
0.5
-
-
0.8
-
-
mW
Term inal capacitan c e
Ct
VR=0 V, f=1 MHz
-
30
-
-
20
-
-
20
-
pF
1


Similar Part No. - L5276_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276 Datasheet
273Kb / 2P
Subminiature LED
More results

Similar Description - L5276_06

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
1.8mm Round Subminiature Infrared LED
EAIST3224A1 EVERLIGHT-EAIST3224A1 Datasheet
483Kb / 9P
1.8mm Round Subminiature Infrared LED
EAIST3216A0 EVERLIGHT-EAIST3216A0 Datasheet
480Kb / 9P
1.6mm round Subminiature Infrared LED
logo
List of Unclassifed Man...
IR42-21C ETC-IR42-21C Datasheet
201Kb / 9P
1.8MM ROUND SUBMINIATURE INFRARED LED
logo
Everlight Electronics C...
HIR42-21C EVERLIGHT-HIR42-21C Datasheet
181Kb / 10P
1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
1.8mm Round Subminiature Infrared LED
IR26-21C EVERLIGHT-IR26-21C Datasheet
179Kb / 10P
1.6mm round Subminiature Infrared LED
EAIST3216A3 EVERLIGHT-EAIST3216A3 Datasheet
576Kb / 9P
1.6mm Round Subminiature Infrared LED
IR42-21C EVERLIGHT-IR42-21C Datasheet
229Kb / 10P
1.8mm Round Subminiature Infrared LED
SIR26-21C EVERLIGHT-SIR26-21C Datasheet
170Kb / 10P
1.6mm round Subminiature Infrared LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com