Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 16Page - Texas Instruments SN74V3640 Datasheet HTML 17Page - Texas Instruments SN74V3640 Datasheet HTML 18Page - Texas Instruments SN74V3640 Datasheet HTML 19Page - Texas Instruments SN74V3640 Datasheet HTML 20Page - Texas Instruments SN74V3640 Datasheet HTML 21Page - Texas Instruments SN74V3640 Datasheet HTML 22Page - Texas Instruments SN74V3640 Datasheet HTML 23Page - Texas Instruments SN74V3640 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 4. Status Flags for FWFT Mode
SN74V3640
SN74V3650
SN74V3660
SN74V3670
IR
PAF
HF
PAE
OR
0
0
0
0
L
H
H
L
H
Number of
1 to (n + 1)
1 to (n + 1)
1 to (n + 1)
1 to (n + 1)
L
H
H
L
L
Number of
Words in
(n + 2) to 513
(n + 2) to 1025
(n + 2) to 2049
(n + 2) to 4097
L
H
H
H
L
FIFO (see
Note 8)
514 to
[1025 – (m + 1)]
1026 to
[2049 – (m + 1)]
2050 to
[4097 – (m + 1)]
4098 to
[8193 – (m + 1)]
L
H
L
H
L
(1025 – m) to 1024
(2049 – m) to 2048
(4097 – m) to 4096
(8193 – m) to 8192
L
L
L
H
L
1025
2049
4097
8193
H
L
L
H
L
SN74V3680
SN74V3690
IR
PAF
HF
PAE
OR
0
0
L
H
H
L
H
Number of
1 to (n + 1)
1 to (n + 1)
L
H
H
L
L
Number of
Words in
(n + 2) to 8193
(n + 2) to 16385
L
H
H
H
L
FIFO (see
Note 8)
8194 to [16385 – (m + 1)]
16386 to
[32769 – (m + 1)]
L
H
L
H
L
(16385 – m) to 16384
(32769 – m) to 32768
L
L
L
H
L
16385
32769
H
L
L
H
L
NOTE 8: See Table 2 for values for n, m.
LD
WEN
REN
SEN
WCLK
RCLK
SN74V3640, SN74V3650, SN74V3660,
SN74V3670, SN74V3680, SN74V3690
0
0
1
1
X
Parallel write to registers:
Empty offset (LSB)
Empty offset (MSB)
Full offset (LSB)
Full offset (MSB)
0
1
0
1
X
Parallel read from registers:
Empty offset (LSB)
Empty offset (MSB)
Full offset (LSB)
Full offset (MSB)
0
1
1
0
X
Serial shift into registers:
20 bits for the SN74V3640
22 bits for the SN74V3650
24 bits for the SN74V3660
26 bits for the SN74V3670
28 bits for the SN74V3680
30 bits for the SN74V3690
1 bit for each rising WCLK edge,
starting with empty offset (LSB)
ending with full offset (MSB)
X
1
1
1
X
X
No operation
1
0
X
X
X
Write memory
1
X
0
X
X
Read memory
1
1
1
X
X
X
No operation
NOTES: A. The programming method can be selected only at master reset.
B. Parallel reading of the offset registers is always permitted, regardless of which programming method has been selected.
C. The programming sequence applies to FWFT and standard modes.
Figure 3. Programmable Flag Offset Programming Sequence
Figure 1Figure 2


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com