Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 14Page - Texas Instruments SN74V3640 Datasheet HTML 15Page - Texas Instruments SN74V3640 Datasheet HTML 16Page - Texas Instruments SN74V3640 Datasheet HTML 17Page - Texas Instruments SN74V3640 Datasheet HTML 18Page - Texas Instruments SN74V3640 Datasheet HTML 19Page - Texas Instruments SN74V3640 Datasheet HTML 20Page - Texas Instruments SN74V3640 Datasheet HTML 21Page - Texas Instruments SN74V3640 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
standard mode (continued)
If the FIFO is full, the first read operation causes FF to go high. Subsequent read operations cause PAF and
HF to go high at the conditions described in Table 3. If further read operations occur without write operations,
PAE goes low when there are n words in the FIFO, where n is the empty offset value. Continuing read operations
causes the FIFO to become empty. When the last word has been read from the FIFO, EF goes low, inhibiting
further read operations. REN is ignored when the FIFO is empty.
When configured in standard mode, the EF and FF outputs are register-buffered outputs.
See Figures 7, 8, 11, and 13 for timing information.
Table 2. Default Programmable Flag Offsets
SN74V3640, SN74V3650
SN74V3660, SN74V3670, SN74V3680, SN74V3690
LD
FSEL1
FSEL0
OFFSETS (n, m)†
LD
FSEL1
FSEL0
OFFSETS (n, m)†
L
H
L
511
H
L
L
1,023
L
L
H
255
L
H
L
511
L
L
L
127
L
L
H
255
L
H
H
63
L
L
L
127
H
L
L
31
L
H
H
63
H
H
L
15
H
H
L
31
H
L
H
7
H
L
H
15
H
H
H
3
H
H
H
7
PROGRAM MODE
PROGRAM MODE
H
X
X
Serial‡
H
X
X
Serial‡
L
X
X
Parallel§
L
X
X
Parallel§
† n = empty offset for PAE, m = full offset for PAF
‡ As well as selecting serial programming mode, one of the default values also is loaded, depending on the state
of FSEL0 and FSEL1.
§ As well as selecting parallel programming mode, one of the default values also is loaded, depending on the state
of FSEL0 and FSEL1.
programming flag offsets
Full and empty flag offset values are user programmable. The SN74V3640, SN74V3650, SN74V3660,
SN74V3670, SN74V3680, and SN74V3690 have internal registers for these offsets. Eight default offset values
are selectable during master reset. These offset values are shown in Table 2. Offset values can also be
programmed into the FIFO by serial or parallel loading. The loading method is selected using LD. During master
reset, the state of the LD input determines whether serial or parallel flag offset programming is enabled. A high
on LD during master reset selects serial loading of offset values. A low on LD during master reset selects parallel
loading of offset values.
In addition to loading offset values into the FIFO, it is also possible to read the current offset values. Offset values
can be read via the parallel output port Q0–Qn, regardless of the programming mode selected (serial or parallel).
It is not possible to read the offset values in serial fashion.
Figure 3 summarizes the control pins and sequence for both serial and parallel programming modes. A more
detailed description is given in the following paragraphs.
The offset registers may be programmed (and reprogrammed) any time after master reset, regardless of
whether serial or parallel programming has been selected. Valid programming ranges are from 0 to D – 1.


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com