Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 11Page - Texas Instruments SN74V3640 Datasheet HTML 12Page - Texas Instruments SN74V3640 Datasheet HTML 13Page - Texas Instruments SN74V3640 Datasheet HTML 14Page - Texas Instruments SN74V3640 Datasheet HTML 15Page - Texas Instruments SN74V3640 Datasheet HTML 16Page - Texas Instruments SN74V3640 Datasheet HTML 17Page - Texas Instruments SN74V3640 Datasheet HTML 18Page - Texas Instruments SN74V3640 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Figure 2 through Figure 22)
SN74V3640-6
SN74V3650-6
SN74V3660-6
SN74V3670-6
SN74V3680-6
SN74V3690-6
SN74V3640-7
SN74V3650-7
SN74V3660-7
SN74V3670-7
SN74V3680-7
SN74V3690-7
SN74V3640-10
SN74V3650-10
SN74V3660-10
SN74V3670-10
SN74V3680-10
SN74V3690-10
SN74V3640-15
SN74V3650-15
SN74V3660-15
SN74V3670-15
SN74V3680-15
SN74V3690-15
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock cycle frequency
166
133.3
100
66.7
MHz
tA
Data access time
2
4.5
2
5
2
6.5
2
10
ns
tCLK
Clock cycle time
6
7.5
10
15
ns
tCLKH
Clock high time
2.5
3.5
4.5
6
ns
tCLKL
Clock low time
2.5
3.5
4.5
6
ns
tDS
Data setup time
1.5
2.5
3.5
4
ns
tDH
Data hold time
0.5
0.5
0.5
1
ns
tENS
Enable setup time
1.5
2.5
3.5
4
ns
tENH
Enable hold time
0.5
0.5
0.5
1
ns
tLDS
Load setup time
2
3.5
3.5
4
ns
tLDH
Load hold time
0
0.5
0.5
1
ns
tRS
Reset pulse duration‡
10
10
10
15
ns
tRSS
Reset setup time
15
15
15
15
ns
tRSR
Reset recovery time
10
10
10
15
ns
tRSF
Reset to flag and output time
15
15
15
15
ns
tRTS
Retransmit setup time
2
3.5
3.5
4
ns
tOLZ
Output enable to output in low impedance
0
0
0
0
ns
tOE
Output enable to output valid
2
4.5
2
6
2
6
2
8
ns
tOHZ
Output enable to output in high impedance
2
4.5
2
6
2
6
2
8
ns
tWFF
Write clock to FF or IR
4.5
5
6.5
10
ns
tREF
Read clock to EF or OR
4.5
5
6.5
10
ns
tPAFA
Clock to asynchronous PAF
8.5
12.5
16
20
ns
tPAFS
Write clock to synchronous PAF
4.5
5
6.5
10
ns
tPAEA
Clock to asynchronous PAE
8.5
12.5
16
20
ns
tPAES
Read clock to synchronous PAE
4.5
5
6.5
10
ns
tHF
Clock to HF
9
12.5
16
20
ns
tsk1
Skew time between read clock and
write clock for EF/OR and FF/IR
4.5
5
7
9
ns
tsk2
Skew time between read clock and
write clock for PAE and PAF
4.5
7
10
14
ns
† All ac timings apply to standard mode and FWFT mode.
‡ Pulse durations less than minimum values are not allowed.


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com