Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 47 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 47 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 42Page - Texas Instruments SN74V3640 Datasheet HTML 43Page - Texas Instruments SN74V3640 Datasheet HTML 44Page - Texas Instruments SN74V3640 Datasheet HTML 45Page - Texas Instruments SN74V3640 Datasheet HTML 46Page - Texas Instruments SN74V3640 Datasheet HTML 47Page - Texas Instruments SN74V3640 Datasheet HTML 48Page - Texas Instruments SN74V3640 Datasheet HTML 49Page - Texas Instruments SN74V3640 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74V3640-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3640-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3640-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3640-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3650-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3650-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3650-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3650-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3660-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3660-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3660-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3660-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3670-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3670-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3670-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3670-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3680-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3680-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3680-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3680-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3690-10PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3690-15PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3690-6PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
SN74V3690-7PEU
ACTIVE
LQFP
PEU
128
72
TBD
Call TI
Level-3-220C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
21-Jun-2007
Addendum-Page 1


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com