Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V3640 Datasheet(PDF) 45 Page - Texas Instruments

Part # SN74V3640
Description  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V3640 Datasheet(HTML) 45 Page - Texas Instruments

Back Button SN74V3640 Datasheet HTML 41Page - Texas Instruments SN74V3640 Datasheet HTML 42Page - Texas Instruments SN74V3640 Datasheet HTML 43Page - Texas Instruments SN74V3640 Datasheet HTML 44Page - Texas Instruments SN74V3640 Datasheet HTML 45Page - Texas Instruments SN74V3640 Datasheet HTML 46Page - Texas Instruments SN74V3640 Datasheet HTML 47Page - Texas Instruments SN74V3640 Datasheet HTML 48Page - Texas Instruments SN74V3640 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
45
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
depth-expansion configuration (FWFT mode only)
The SN74V3640 easily can be adapted to applications requiring depths greater than 1024 for the SN74V3640,
2048 for the SN74V3650, 4096 for the SN74V3660, 8192 for the SN74V3670, 16384 for the SN74V3680, and
32768 for the SN74V3690, with an 18-bit bus width. In FWFT mode, the FIFOs can be connected in series (the
data outputs of one FIFO connected to the data inputs of the next), with no external logic necessary. The
resulting configuration provides a total depth equivalent to the sum of the depths associated with each single
FIFO. Figure 24 shows a depth expansion using two SN74V3640, SN74V3650, SN74V3660, SN74V3670,
SN74V3680, and SN74V3690 devices.
Care should be taken to select FWFT mode during master reset for all FIFOs in the depth-expansion
configuration. The first word written to an empty configuration passes from one FIFO to the next (ripple down)
until it finally appears at the outputs of the last FIFO in the chain. No read operation is necessary, but the RCLK
of each FIFO must be free running. Each time the data word appears at the outputs of one FIFO, that device’s
OR line goes low, enabling a write to the next FIFO in line.
REN
Data In
Write Enable
Write Clock
SN74V3640
SN74V3650
SN74V3660
SN74V3670
SN74V3680
SN74V3690
FWFT/SI
Transfer Clock
WCLK
WEN
IR
Dn
RCLK
OR
REN
OE
Qn
WCLK
WEN
IR
Dn
RCLK
OR
OE
Qn
Read Clock
Read Enable
Input Ready
Output Ready
Output Enable
Data Out
GND
n
nn
SN74V3640
SN74V3650
SN74V3660
SN74V3670
SN74V3680
SN74V3690
FWFT/SI
FWFT/SI
Figure 21. 2048
× 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36, 65536 × 36
Depth-Expansion Block Diagram
For an empty-expansion configuration, the amount of time it takes for OR of the last FIFO in the chain to go low
(i.e., valid data to appear on the last FIFO’s outputs) after a word has been written to the first FIFO is the sum
of the delays for each FIFO:
(n–1)
(4
transfer clock)
) 3t
RCLK
Where:
n
= number of FIFOs in the expansion
tRCLK = RCLK period
Note that extra cycles should be added for the possibility that the tsk1 specification is not met between WCLK
and the transfer clock, or RCLK and the transfer clock, for the OR flag.
The ripple-down delay is noticeable only for the first word written to an empty-depth-expansion configuration.
There will be no delay evident for subsequent words written to the configuration.
The first free location created by reading from a full-depth-expansion configuration will bubble up from the last
FIFO to the previous one until, finally, it moves into the first FIFO of the chain. Each time a free location is created
in one FIFO of the chain, that FIFO’s IR line goes low, enabling the preceding FIFO to write a word to fill it.
(1)


Similar Part No. - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V3640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com