Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4581L Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4581L
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4581L Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4581L_07 Datasheet HTML 7Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 8Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 9Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 10Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 11Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 12Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 13Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 14Page - Maxim Integrated Products MAX4581L_07 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
______________________________________________________________________________________
11
VCC
GND
VCC
B
A
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4581L
MAX4582L
MAX4583L
Figure 5. NO/COM Capacitance
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4582/MAX4583) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VCC
GND
VCC
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
REF.
B
A
CHANNEL
SELECT
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4581L
MAX4582L
MAX4583L
VOUT
VIN
OFF-ISOLATION = 20log x
ON-LOSS = 20log x
CROSSTALK = 20log x
VOUT
VIN
VOUT
VIN
Figure 6. Off-Isolation, On-Loss, and Crosstalk


Similar Part No. - MAX4581L_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581L-MAX4583L MAXIM-MAX4581L-MAX4583L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
MAX4581LESE MAXIM-MAX4581LESE Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results

Similar Description - MAX4581L_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com