Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-8105BWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-8105BWG
Description  3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-8105BWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-8105BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-8105BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-8105BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-8105BWG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPS-8105WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2006 V3.0
1
SPS-8105WG / SPS-8105BWG
(RoHS Compliant)
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 4.25 Gbps Bi-directional Data Links
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliance with Fibre Channel FC-PI
400/200/100-SM-LC-L
l SFF-8472 Digital Diagnostic Function
l 1310 nm FP LD Transmitter
l AC/AC Coupling according to MSA
l Up to 10 km at 1.063/2.125 Gbps, 5 km at 4.25 Gb/s
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPS-8105WG
l -10 to 85oC Operating : SPS-8105BWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Tri-rate 1.063/2.125/4.25 Gb/s Fibre Channel
l 1.25 Gb/s 1000 BASE-LX Ethernet
DESCRIPTION
The SPS-8105WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as 4x/2x/1x Fibre
Channel and 1000BASE-LX Ethernet. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1310 nm. The transmitter section uses a
1310 nm multiple quantum well laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-8105WG
4 / 2 / 1
400/200/100
10/5*
1310
LC SFP with DMI
0 to 70
-3 to -8
-18
Yes
SPS-8105BWG
4 / 2 / 1
400/200/100
10/5*
1310
LC SFP with DMI -10 to 85
-3 to -8
-18
Yes
*: 10km at 1.063/2.125/1.25 Gb/s and 5 km at 4.25Gb/s.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
70
85
oC
SPS-8105WG
SPS-8105BWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
70
85
oC / SPS-8105WG
oC / SPS-8105BWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
1.0625
4.25
Gb/s


Similar Part No. - SPS-8105BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8105BG OPTOWAY-SPS-8105BG Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-8105BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8110G OPTOWAY-SPS-8110G Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8110WG OPTOWAY-SPS-8110WG Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8120G OPTOWAY-SPS-8120G Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8120WG OPTOWAY-SPS-8120WG Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8130G OPTOWAY-SPS-8130G Datasheet
143Kb / 4P
3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8130WG OPTOWAY-SPS-8130WG Datasheet
144Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8105WG OPTOWAY-TRSL-8105WG Datasheet
122Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8110WG OPTOWAY-TRSL-8110WG Datasheet
122Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8120WG OPTOWAY-TRSL-8120WG Datasheet
121Kb / 4P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPM-8101WG OPTOWAY-SPM-8101WG Datasheet
221Kb / 5P
3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC MULTI-MODE SFP TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com