Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVK0J102MDD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVK0J102MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVK0J102MDD Datasheet(HTML) 2 Page - Nichicon corporation

  UVK0J102MDD Datasheet HTML 1Page - Nichicon corporation UVK0J102MDD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
Case size
φD×L (mm)
Cap.(
µF)
~ 68000
100 ~ 47000
1000 ~ 68000
0.1 ~ 22000
330 ~ 10000
6.3 ~ 100
V
160 ~ 450
50Hz
120Hz
300Hz
1 kHz
10kHz ~
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
0.90
1.00
1.10
1.13
1.15
Frequency
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
221
331
471
102
222
332
472
682
103
153
223
333
473
683
8
× 11.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
20
× 40
22
× 50
25
× 50
540
890
1190
1550
1920
2350
2550
3200
3500
3900
4300
0J
6.3
5
× 11
6.3
× 11
6.3
× 11
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
16
× 35.5
18
× 40
22
× 50
25
× 50
220
290
350
650
990
1450
1800
2250
2550
2880
3400
4500
5000
1A
10
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 40
22
× 40
25
× 50
260
320
440
700
1000
1700
2100
2250
2710
3100
3800
4800
1C
16
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 40
22
× 50
25
× 50
180
280
390
550
860
1550
1980
2200
2600
2800
3800
4500
1E
25
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
16
× 25
16
× 31.5
16
× 35.5
18
× 40
22
× 50
25
× 50
130
160
210
350
490
650
1150
1800
2100
2500
2800
3700
4300
1V
35
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 31.5
18
× 35.5
20
× 40
22
× 50
25
× 50
1.3
2.9
4.3
6.2
17
28
35
40
60
95
125
155
210
260
430
590
760
1350
1980
2500
2900
3500
4000
1H
50
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
10
× 20
12.5
× 20
16
× 25
18
× 35.5
20
× 40
22
× 50
25
× 50
100
140
170
220
280
490
710
900
1300
2300
2700
3400
3900
1J
63
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
68
100
220
330
470
1000
2200
3300
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
680
101
221
331
471
102
222
332
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
18
× 35.5
22
× 50
25
× 50
2.1
4.7
7
10
21
30
40
45
70
130
180
200
270
340
550
760
1000
1350
2400
2900
2A
100
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
18
× 35.5
18
× 40
25
× 50
80
130
180
210
350
430
580
800
1200
1900
2C
160
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
22
× 40
2.1
4.7
7
15
22
33
40
50
80
150
200
270
350
450
700
950
1300
2D
200
6.3
× 11
6.3
× 11
10
× 12.5
10
× 20
10
× 20
12.5
× 20
16
× 25
16
× 25
18
× 35.5
20
× 40
22
× 50
40
50
100
150
200
270
380
440
680
1000
1400
2E
250
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
12.5
× 20
12.5
× 25
16
× 25
16
× 25
18
× 35.5
22
× 50
25
× 50
30
43
55
90
150
240
300
400
520
760
1000
2V
350
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
12.5
× 25
16
× 25
16
× 25
16
× 31.5
18
× 35.5
22
× 50
12
20
38
48
60
90
200
240
280
340
440
650
2G
400
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
25
× 50
28
40
46
80
140
180
220
260
280
350
2W
450
Rated Ripple (mArms) at 85˚C 120Hz
VK
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Cap.(
µF)
Code
V
Cap.(
µF)
Code
V
Frequency coefficient of rated ripple current
Rated
ripple
Rated
ripple
Case size
φD×L (mm)


Similar Part No. - UVK0J102MDD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
UVK ILLINOISCAPACITOR-UVK Datasheet
201Kb / 2P
   Small size - High Temperature ??Lead Free Leads
logo
Taiyo Yuden (U.S.A.), I...
UVK105CG010BW-F TAIYO-YUDEN-UVK105CG010BW-F Datasheet
280Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CG020BW-F TAIYO-YUDEN-UVK105CG020BW-F Datasheet
280Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CG030JW-F TAIYO-YUDEN-UVK105CG030JW-F Datasheet
280Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
UVK105CG0R3BW-F TAIYO-YUDEN-UVK105CG0R3BW-F Datasheet
281Kb / 2P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results

Similar Description - UVK0J102MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com